Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLT0816-2-1R00J Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # RLT0816-2-1R00J
Description  1/8W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLT0816-2-1R00J Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  RLT0816-2-1R00J Datasheet HTML 1Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 2Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 3Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 4Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 5Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 6Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 7Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 8Page - Delta Electronics, Inc. RLT0816-2-1R00J Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TITLE : The Engineering Specification for RLT0816 1/8W
Low Resistance Chip Resistor
DOCUMENT
NO.
SRK320000NH
PAGE
REV.
A1
UNLESS OTHERWISE SPECIFIED
TOLERANCES ON ﹕
X
= ±
X.X
= ±
X.XX
= ±
ANGLES ±
HOLE DIA. ±
SCALE ﹕
X
UNIT ﹕ X
APPROVED
BY ﹕
DRAWN
BY ﹕connie 4/3/13
DESIGNED
BY ﹕
CHECKED
BY ﹕
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
Delta Electronics, Inc.
PAGE
7
OF
9
7. Packaging
7-1 Dimensions
7-1-1
Tape packaging dimensions
Remark: Leader tape length≧30 cm( 150 Hollow carrier cavity)
7-1-2
Reel dimensions
2.0±0.5
¯13.0±1.0
20min.
9.0±1.0
Unit : mm
11.5 ±1.0
4.0±0.1
0.65 ± 0.1
D=3.5±0.05
C=1.75±0.1
Chip
0.60±0.1
B
A
4.0±0.1
8.0±0.3
D
C
Carrier cavity
Pulling direction
Unit : mm
Sprocket hole
2.0±0.05
A=1.1±0.2
B=1.9±0.2
¯1.5±0.1


Similar Part No. - RLT0816-2-1R00J

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
RLT0816-2 CYNTEC-RLT0816-2 Datasheet
989Kb / 7P
   RLT0816-2 Series Current Sensing Resistor (Lead / Halogen Free)
More results

Similar Description - RLT0816-2-1R00J

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT0510-2-R075F DELTA-RLT0510-2-R075F Datasheet
99Kb / 9P
   1/8W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1005-2-R075F DAESAN-RL1005-2-R075F Datasheet
236Kb / 8P
   1/8W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Delta Electronics, Inc.
RL0816-4-R010F DELTA-RL0816-4-R010F Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RLT0816-C-R050F DELTA-RLT0816-C-R050F Datasheet
98Kb / 9P
   1/10W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0816-3-R100F DELTA-RLT0816-3-R100F Datasheet
131Kb / 9P
   1/4W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
   1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
   1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL0204-G-R300F DELTA-RL0204-G-R300F Datasheet
91Kb / 7P
   1/32W, 01005 Low Resistance Chip Resistor (Lead / Halogen free)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com