Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1016 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1016
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1016 Datasheet HTML 2Page - Linear Technology LT1016 Datasheet HTML 3Page - Linear Technology LT1016 Datasheet HTML 4Page - Linear Technology LT1016 Datasheet HTML 5Page - Linear Technology LT1016 Datasheet HTML 6Page - Linear Technology LT1016 Datasheet HTML 7Page - Linear Technology LT1016 Datasheet HTML 8Page - Linear Technology LT1016 Datasheet HTML 9Page - Linear Technology LT1016 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT1720/LT1721
6
17201fc
PIN FUNCTIONS
LT1720
+IN A (Pin 1): Noninverting Input of Comparator A.
–IN A (Pin 2): Inverting Input of Comparator A.
–IN B (Pin 3): Inverting Input of Comparator B.
+IN B (Pin 4): Noninverting Input of Comparator B.
GND (Pin 5): Ground.
OUT B (Pin 6): Output of Comparator B.
OUT A (Pin 7): Output of Comparator A.
VCC (Pin 8): Positive Supply Voltage.
LT1721
–IN A (Pin 1): Inverting Input of Comparator A.
+IN A (Pin 2): Noninverting Input of Comparator A.
GND (Pins 3, 6): Ground.
OUT A (Pin 4): Output of Comparator A.
OUT B (Pin 5): Output of Comparator B.
+IN B (Pin 7): Noninverting Input of Comparator B.
–IN B (Pin 8): Inverting Input of Comparator B.
–IN C (Pin 9): Inverting Input of Comparator C.
+IN C (Pin 10): Noninverting Input of Comparator C.
VCC (Pins 11, 14): Positive Supply Voltage.
OUT C (Pin 12): Output of Comparator C.
OUT D (Pin 13): Output of Comparator D.
+IN D (Pin 15): Noninverting Input of Comparator D.
–IN D (Pin 16): Inverting Input of Comparator D.


Similar Part No. - LT1016

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
LT1016 LINER-LT1016 Datasheet
1Mb / 20P
   UltraFast Precision 10ns Comparator
LT1016 LINER-LT1016 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
LT1016 LINER-LT1016 Datasheet
395Kb / 20P
   UltraFast Precision 10ns Comparator
LT1016C LINER-LT1016C Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
More results

Similar Description - LT1016

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
   Overdrive-Protected Wideband Op Amp
logo
Maxim Integrated Produc...
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
   1-Wire Bus Master with Overdrive
061907
logo
National Semiconductor ...
CLC206 NSC-CLC206 Datasheet
362Kb / 6P
   Overdrive-Protected Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH206 CADEKA-KH206 Datasheet
415Kb / 5P
   Overdrive-Protected Wideband Op Amp
KH205 CADEKA-KH205 Datasheet
264Kb / 7P
   Overdrive-Protected Wideband Op Amp
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
   Overdrive-Protected Wideband Op Amp
logo
Dallas Semiconductor
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
   1-Wire Bus Master with Overdrive
logo
Maxim Integrated Produc...
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
   Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
   1.Wire Bus Master with Overdrive
logo
DB Lectro Inc
PK-35A29EP-110Q DBLECTRO-PK-35A29EP-110Q Datasheet
313Kb / 2P
   95 at 30cm at Rated Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com