Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDE5C1H470J0C03 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # RDE5C1H470J0C03
Description  Radial Lead Type Monolithic Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RDE5C1H470J0C03 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button RDE5C1H470J0C03 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. RDE5C1H470J0C03 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
C49E.pdf
May.10,2011
33
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Part Number
Temp.
Char.
Rated
Voltage
(Vdc)
Capacitance
Dimensions
LxW
(mm)
Dimension
T
(mm)
Lead
Space F
(mm)
Lead Style
Code
Bulk
Lead Style
Code
Taping (1)
Lead Style
Code
Taping (2)
Continued from the preceding page.
RDER72J223K3ppC11p
X7R
630
22000pF
±10%
5.0 x 4.5
3.15
5.0
K1
M1
-
RDER72J333K3ppC11p
X7R
630
33000pF
±10%
5.0 x 4.5
3.15
5.0
K1
M1
-
RDER72J473K3ppC11p
X7R
630
47000pF
±10%
5.0 x 4.5
3.15
5.0
K1
M1
-
RDER72J683K8ppC11p
X7R
630
68000pF
±10%
7.5 x 5.5
3.15
5.0
K1
M1
-
RDER72J104K8ppC11p
X7R
630
0.10
µF ±10%
7.5 x 5.5
3.15
5.0
K1
M1
-
RDER72J154K5ppC13p
X7R
630
0.15
µF ±10%
7.5 x 8.0
4.0
5.0
B1
E1
-
RDER72J224K5ppC13p
X7R
630
0.22
µF ±10%
7.5 x 8.0
4.0
5.0
B1
E1
-
RDER72J474MUppC13p
X7R
630
0.47
µF ±20%
7.7 x 13.0
4.0
5.0
B1
E1
-
Two blank columns are filled with the lead style code. Please refer to the 3 columns on the right for the appropriate code.
The last blank column is filled with the packaging code. (B: bulk, A: ammo pack)
High Dielectric Constant Type, F/Y5V Characteristics
Part Number
Temp.
Char.
Rated
Voltage
(Vdc)
Capacitance
Dimensions
LxW
(mm)
Dimension
T
(mm)
Lead
Space F
(mm)
Lead Style
Code
Bulk
Lead Style
Code
Taping (1)
Lead Style
Code
Taping (2)
RDEF11H103Z0ppC01p
F
50
10000pF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF11H103Z0ppC01p
F
50
10000pF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF51H103Z0ppC03p
Y5V
50
10000pF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF51H103Z0ppC03p
Y5V
50
10000pF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF11H223Z0ppC01p
F
50
22000pF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF11H223Z0ppC01p
F
50
22000pF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF51H223Z0ppC03p
Y5V
50
22000pF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF51H223Z0ppC03p
Y5V
50
22000pF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF11H473Z0ppC01p
F
50
47000pF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF11H473Z0ppC01p
F
50
47000pF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF51H473Z0ppC03p
Y5V
50
47000pF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF51H473Z0ppC03p
Y5V
50
47000pF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF11H104Z0ppC01p
F
50
0.10
µF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF11H104Z0ppC01p
F
50
0.10
µF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
RDEF51H104Z0ppC03p
Y5V
50
0.10
µF +80/-20%
4.0 x 3.5
2.5
5.0
K1
M1
-
RDEF51H104Z0ppC03p
Y5V
50
0.10
µF +80/-20%
5.0 x 3.5
2.5
2.5
P1
S1
-
Two blank columns are filled with the lead style code. Please refer to the 3 columns on the right for the appropriate code.
The last blank column is filled with the packaging code. (B: bulk, A: ammo pack)


Similar Part No. - RDE5C1H470J0C03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RDE20 XPPOWER-RDE20 Datasheet
499Kb / 4P
   DC-DC Converter
RDE20110D05 XPPOWER-RDE20110D05 Datasheet
499Kb / 4P
   DC-DC Converter
RDE20110D12 XPPOWER-RDE20110D12 Datasheet
499Kb / 4P
   DC-DC Converter
RDE20110D15 XPPOWER-RDE20110D15 Datasheet
499Kb / 4P
   DC-DC Converter
RDE20110S05 XPPOWER-RDE20110S05 Datasheet
499Kb / 4P
   DC-DC Converter
More results

Similar Description - RDE5C1H470J0C03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
   Radial Lead Type Monolithic Ceramic Capacitors
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
   Radial Lead Type Monolithic Ceramic Capacitors
RPEF51H224Z2M1A03A MURATA-RPEF51H224Z2M1A03A Datasheet
365Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
ECA-1VHG330 PANASONIC-ECA-1VHG330 Datasheet
448Kb / 6P
   Alumlnum Electrolytic Capacitors Radial Lead Type
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com