Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1072 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1072
Description  Available in MiniDiP, TO-220, and TO-3 Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1072 Datasheet HTML 6Page - Linear Technology LT1072 Datasheet HTML 7Page - Linear Technology LT1072 Datasheet HTML 8Page - Linear Technology LT1072 Datasheet HTML 9Page - Linear Technology LT1072 Datasheet HTML 10Page - Linear Technology LT1072 Datasheet HTML 11Page - Linear Technology LT1072 Datasheet HTML 12Page - Linear Technology LT1072 Datasheet HTML 13Page - Linear Technology LT1072 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1072
1072fc
Flyback Converter
Negative to Positive Buck-Boost Converter
External Current Limit
R1
1k
VIN
NOTE THAT THE LT1072 GND PIN
IS NO LONGER COMMON TO VIN (–)
LT1072 • TA06
C1
1000pF
C2
RS
R2
+
VIN
VSW
FB
VC
GND
LT1072
Q1
C3
0.47µF
VOUT
5V
1.5A
D2
D1
OPTIONAL
FILTER
1
1
3
N*
N* =
C2
0.15µF
C4
25µF*
VIN
20 TO 30V
R3
1.5k
REQUIRED IF INPUT LEADS ≥ 2"
OPTIONAL TO REPLACE R4 AND C3
*
**
C1
500µF
R4
1k
**
R1
3.74k
R2
1.24k
VIN
VSW
FB
VC
GND
LT1072
L2
10µH
C4
200µF
VSNUB
VOUT + Vf
IPRI
IPRI
IPRI
(IPRI) (LL)
VSNUB
IPRI
N
∆I
VIN
0V
0V
0
0
0
0
CLAMP TURN-ON
SPIKE
PRIMARY FLYBACK VOLTAGE =
LT1072 SWITCH VOLTAGE
AREA “a” = AREA “b” TO MAINTAIN
ZERO DC VOLTS ACROSS PRIMARY
SECONDARY VOLTAGE
AREA “c” = AREA “d” TO MAINTAIN
ZERO DC VOLTS ACROSS SECONDARY
PRIMARY CURRENT
SECONDARY CURRENT
LT1070 SWITCH CURRENT
SNUBBER DIODE CURRENT
VOUT + Vf
N
N • VIN
t =
a
b
c
d
LT1072 • TA04
+
+
VIN
VSW
FB
VC
GND
LT1072
C2
1000µF
C1
0.22µF
C4
25µF*
R2
1.24k
R3
2.2k
R1
11.3k
VOUT
12V, 0.5A
VIN
–12V
D1
L1**
220µH
Q1
*
**
REQUIRED IF INPUT LEADS ≥ 2"
PULSE ENGINEERING 52626
OPTIONAL
INPUT
FILTER
L3
OPTIONAL
OUTPUT
FILTER
L2
C3
LT1072 • TA05
+
+
TYPICAL APPLICATIO S


Similar Part No. - LT1072

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
   1.25A High Efficiency Switching Regulator
LT1072 LINER-LT1072 Datasheet
201Kb / 16P
   1.25A High Efficiency Switching Regulator
LT1072CJ8 LINER-LT1072CJ8 Datasheet
1,017Kb / 11P
   1.25A High Efficiency Switching Regulator
LT1072CJ8 LINER-LT1072CJ8 Datasheet
201Kb / 16P
   1.25A High Efficiency Switching Regulator
LT1072CK LINER-LT1072CK Datasheet
1,017Kb / 11P
   1.25A High Efficiency Switching Regulator
More results

Similar Description - LT1072

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Aavid, Thermal Division...
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
534202B33453 AAVID-534202B33453 Datasheet
81Kb / 2P
   For use with TO-220 packages
563002B00000 AAVID-563002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
574102B03300 AAVID-574102B03300 Datasheet
83Kb / 2P
   For use with TO-220 packages
575002B00000 AAVID-575002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
574502B00000 AAVID-574502B00000 Datasheet
82Kb / 2P
   For use with TO-220 packages
576802B04100 AAVID-576802B04100 Datasheet
88Kb / 2P
   For use with TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com