Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7871SIQ Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SPT7871SIQ
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7871SIQ Datasheet(HTML) 7 Page - Fairchild Semiconductor

  SPT7871SIQ Datasheet HTML 1Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 2Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 3Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 4Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 5Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 6Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 7Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
9/7/98
SPT7871
PACKAGE OUTLINE
adequate thermal performance under laboratory tests. Air
flow may be required for operation at elevated ambient
temperature. Fairchild recommends that the junction tem-
perature be maintained under +150
°C.
The thermal impedance values for the cerquad package are
θJC = 3.3 °C/W and θJA = 70 °C/W (junction to ambient in still
air with no heat sink).
TTL DIGITAL OUTPUT LEVELS
The SPT7871 supports TTL and some CMOS logic levels.
(Refer to minimum high voltage level for selected digital parts
that will interface with the SPT7871.) It has single-ended outputs
that are driven off a separate +5 V digital supply (DVCC).
THERMAL MANAGEMENT
Fairchild recommends that a heat sink be used for this device
to ensure rated performance. A heat sink in still air provides
Figure 4 - Digital Outputs Equivalent Circuit
Figure 2 - Typical Interface Circuit
Figure 3 - Clock Input Equivalent Circuit
AGND
CLK
26 k
AVCC
VEE
6 k
52 k
-1.3 V
(ESD)
(ESD)
NCLK
26 k
(ESD)
(ESD)
DGND
(ESD)
(ESD)
TTL OUT
DVCC
+A5
-A5.2
.01
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
DGND
.01
FB1
Analog
Input
ECL
Differential
Clock Input
.01
.01
MINV
LINV
+A5
+D5
Interfacing
Logics
SPT7871
AGND
VEE
AVCC
CLK
CLK
VB
VT
VM
VIN
X
X
DVCC
FB2
FB3
*
*
Notes:
1)
= Line termination
2)
= 0.01 µF chip cap. in parallel with
2.2 µF, tant cap.
3) Immediate output buffer is highly recommended
to optimize the performance due to reflection.
X
*
+5V
DGND
+D5
+
10 µF
+5 V
-5.2 V
AGND
+A5
-A5.2
+
10 µF
+
10µF
44L Cerquad
C
D
A
B
A
B
0 - 5°
E
F
G
H
1
44
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.550 typ
13.97 typ
B
0.685
0.709
17.40
18.00
C
0.037
0.041
0.94
1.04
D
0.016 typ
0.41 typ
E
0.008 typ
0.20 typ
F
0.027
0.051
0.69
1.30
G
0.006 typ
0.15 typ
H
0.080
0.150
2.03
3.81


Similar Part No. - SPT7871SIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7871SIQ CADEKA-SPT7871SIQ Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
More results

Similar Description - SPT7871SIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
   10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com