Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7871SIQ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7871SIQ
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7871SIQ Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SPT7871SIQ Datasheet HTML 1Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 2Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 3Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 4Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 5Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 6Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 7Page - Fairchild Semiconductor SPT7871SIQ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
9/7/98
SPT7871
TYPICAL PERFORMANCE CHARACTERISTICS
Dynamic Performance vs. Sample Rate
40
45
50
55
60
65
60
70
80
90
100
110
Sample Rate (MSPS)
SINAD
THD
SNR
Input Frequency = 25MHz
Dynamic Performance vs. Input Frequency
40
45
50
55
60
65
70
0
2040
6080
100
Input Frequency (MHz)
THD
SNR
Sample Rate = 80 MSPS
SINAD
Dynamic Performance vs. Input Frequency
35
40
45
50
55
60
0
2040
6080
100
Input Frequency (MHz)
Sample Rate = 100 MSPS
THD
SNR
SINAD
Dynamic Performance vs. Temperature
50
55
60
65
-25
0
25
50
75
100
Temperature (°C)
THD
SNR
SINAD
Sample Rate = 80 MSPS
Input Frequency = 25 MHz
Single Tone at 4.9 MHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
010
20
30
40
Frequency (MHz)
Sample Rate = 80 MSPS
10
20
30
40
Single Tone at 14.9 MHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
Frequency (MHz)
Sample Rate = 80 MSPS


Similar Part No. - SPT7871SIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7871SIQ CADEKA-SPT7871SIQ Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
More results

Similar Description - SPT7871SIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
   10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com