Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM21BR72A104KA37L Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR72A104KA37L
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A104KA37L Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button GCM21BR72A104KA37L Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37L Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Part Number
Dimensions (mm)
W
T
Bulk Bag
Packaging Code: B
Bulk Case
Packaging Code: C
ø180mm reel
Paper Tape
Packaging Code: D
Embossed Tape
Packaging Code: L
Paper Tape
Packaging Code: J
Embossed Tape
Packaging Code: K
ø330mm reel
L
Quantity (pcs.)
Minimum Quantity Guide
Continued on the following page.
Tape Carrier Packaging
1. Dimensions of Reel
2.0
±0.5
ø180mm Reel
10
±1.5 for 8mm wide tape
14
±1.5 for 12mm wide tape
ø13.0
±0.5
ø21.0
±0.8
(in mm)
ø330mm Reel
2.0
±0.5
10
±1.5 for 8mm wide tape
14
±1.5 for 12mm wide tape
ø13.0
±0.5
ø21.0
±0.8
1) There are parts number without bulk case.
GCM03
GCM15
GCM18
GCM21
GCM31
GCM32
0.6
1.0
1.6
2.0
3.2
3.2
0.3
0.5
0.8
1.25
1.6
2.5
0.3
0.5
0.8
0.6
0.85
1.25
0.85
1.15
1.6
1.15
1.35
1.6
1.8/2.0/2.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
-
50,000
15,000
1)
10,000
-
5,000
1)
-
-
-
-
-
-
-
50,000
50,000
10,000
10,000
10,000
-
10,000
-
-
-
-
-
-
-
-
-
-
-
10,000
-
10,000
6,000
10,000
8,000
6,000
4,000
15,000
10,000
4,000
4,000
4,000
-
4,000
-
-
-
-
-
-
-
-
-
-
-
3,000
-
3,000
2,000
3,000
2,000
2,000
1,000
Package
19
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20


Similar Part No. - GCM21BR72A104KA37L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BR72A104KA37 MURATA-GCM21BR72A104KA37 Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GCM21BR72A104KA37 MURATA1-GCM21BR72A104KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Infineon Technologies A...
GCM21BR72A104KA37K INFINEON-GCM21BR72A104KA37K Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - GCM21BR72A104KA37L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com