Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4N-3226 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D4N-3226
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-3226 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D4N-3226 Datasheet HTML 3Page - Omron Electronics LLC D4N-3226 Datasheet HTML 4Page - Omron Electronics LLC D4N-3226 Datasheet HTML 5Page - Omron Electronics LLC D4N-3226 Datasheet HTML 6Page - Omron Electronics LLC D4N-3226 Datasheet HTML 7Page - Omron Electronics LLC D4N-3226 Datasheet HTML 8Page - Omron Electronics LLC D4N-3226 Datasheet HTML 9Page - Omron Electronics LLC D4N-3226 Datasheet HTML 10Page - Omron Electronics LLC D4N-3226 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
D4N
7
Structure and Nomenclature
Structure
Direct Opening Mechanism
1NC/1NO Contact (Slow-action)
2NC Contact (Slow-action)
Pg13.5
G1/2
1/2-14NPT
M20
M12 connector
Note: M12 connector types are not available for
Switches with three contacts.
Head
The direction of the switch head can be varied to any of
the four directions. (Roller plunger models can be
mounted in either of two directions at a 90° angle.)
Conduit Opening
A wide variety of conduits is available.
Built-in Switch
The built-in switch has a direct opening mechanism
that forcibly separates the NC contact even when
there is contact deposit.
Safety-oriented Lever Setting
(Form-lock construction)
Grooves which engage the lever are cut in the lever and
rotary shaft to prevent the lever from slipping against the
rotary shaft.
There are resin-lever and metal-lever types.
Cover
The cover, with a hinge on its lower part, can
be opened by removing the screw of the
cover, which ensures ease of maintenance
and wiring.
Size
Box
1-conduit
2-conduit
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
---
Contact spring
Return spring
Fixed contact (NC)
Fixed contact (NO)
Plunger
Movable contact
Conforms to EN60947-5-1 Direct Opening Operation
(Only the NC contact side has a direct opening
mechanism.)
When contact welding occurs, the contacts are
separated from each other by the plunger being
pushed in.
Contact spring
Fixed contact (NC)
Plunger
Movable contact
Return spring
Conforms to EN60947-5-1 Direct Opening Operation
(Both NC contacts have a direct opening
mechanism.)
When contact welding occurs, the contacts are
separated from each other by the plunger being
pushed in.


Similar Part No. - D4N-3226

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-3226

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com