Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C0682K000 Datasheet(PDF) 39 Page - EPCOS

Part # B32529C0682K000
Description  Metallized Polyester Film Capacitors (MKT)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0682K000 Datasheet(HTML) 39 Page - EPCOS

Back Button B32529C0682K000 Datasheet HTML 35Page - EPCOS B32529C0682K000 Datasheet HTML 36Page - EPCOS B32529C0682K000 Datasheet HTML 37Page - EPCOS B32529C0682K000 Datasheet HTML 38Page - EPCOS B32529C0682K000 Datasheet HTML 39Page - EPCOS B32529C0682K000 Datasheet HTML 40Page - EPCOS B32529C0682K000 Datasheet HTML 41Page - EPCOS B32529C0682K000 Datasheet HTML 42Page - EPCOS B32529C0682K000 Datasheet HTML 43Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
1.3
General notes on soldering
Permissible heat exposure loads on film capacitors are primarily characterized by the upper cate-
gory temperature Tmax. Long exposure to temperatures above this type-related temperature limit
can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical
characteristics. For short exposures (as in practical soldering processes) the heat load (and thus
the possible effects on a capacitor) will also depend on other factors like:
Pre-heating temperature and time
Forced cooling immediately after soldering
Terminal characteristics:
diameter, length, thermal resistance, special configurations (e.g. crimping)
Height of capacitor above solder bath
Shadowing by neighboring components
Additional heating due to heat dissipation by neighboring components
Use of solder-resist coatings
The overheating associated with some of these factors can usually be reduced by suitable coun-
termeasures. For example, if a pre-heating step cannot be avoided, an additional or reinforced
cooling process may possibly have to be included.
EPCOS recommends the following conditions:
Pre-heating with a maximum temperature of 110
°C
Temperature inside the capacitor should not exceed the following limits:
MKP/MFP 110
°C
MKT 160
°C
When SMD components are used together with leaded ones, the leaded film capacitors should
not pass into the SMD adhesive curing oven. The leaded components should be assembled af-
ter the SMD curing step.
Leaded film capacitors are not suitable for reflow soldering.
Uncoated capacitors
For uncoated MKT capacitors with lead spacings
≤10 mm (B32560/B32561) the following mea-
sures are recommended:
pre-heating to not more than 110
°C in the preheater phase
rapid cooling after soldering
B32520 ... B32529
General purpose (stacked/wound)
Page 39 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C0682K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0682K000 EPCOS-B32529C0682K000 Datasheet
887Kb / 45P
   Film Capacitors
More results

Similar Description - B32529C0682K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com