Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C0682M000 Datasheet(PDF) 37 Page - EPCOS

Part # B32529C0682M000
Description  Metallized Polyester Film Capacitors (MKT)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0682M000 Datasheet(HTML) 37 Page - EPCOS

Back Button B32529C0682M000 Datasheet HTML 33Page - EPCOS B32529C0682M000 Datasheet HTML 34Page - EPCOS B32529C0682M000 Datasheet HTML 35Page - EPCOS B32529C0682M000 Datasheet HTML 36Page - EPCOS B32529C0682M000 Datasheet HTML 37Page - EPCOS B32529C0682M000 Datasheet HTML 38Page - EPCOS B32529C0682M000 Datasheet HTML 39Page - EPCOS B32529C0682M000 Datasheet HTML 40Page - EPCOS B32529C0682M000 Datasheet HTML 41Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Mounting guidelines
1
Soldering
1.1
Solderability of leads
The solderability of terminal leads is tested to IEC 60068-2-20, test Ta, method 1.
Before a solderability test is carried out, terminals are subjected to accelerated ageing (to
IEC 60068-2-2, test Ba: 4 h exposure to dry heat at 155
°C). Since the ageing temperature is far
higher than the upper category temperature of the capacitors, the terminal wires should be cut off
from the capacitor before the ageing procedure to prevent the solderability being impaired by the
products of any capacitor decomposition that might occur.
Solder bath temperature
235
±5 °C
Soldering time
2.0
±0.5 s
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Evaluation criteria:
Visual inspection
Wetting of wire surface by new solder
≥90%, free-flowing solder
1.2
Resistance to soldering heat
Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1A.
Conditions:
Series
Solder bath temperature Soldering time
MKT boxed (except 2.5
× 6.5 × 7.2 mm)
coated
uncoated (lead spacing > 10 mm)
260
±5 °C
10
±1 s
MFP
MKP (lead spacing > 7.5 mm)
MKT boxed (case 2.5
× 6.5 × 7.2 mm)
5
±1 s
MKP
MKT
(lead spacing
≤ 7.5 mm)
uncoated (lead spacing
≤ 10 mm)
insulated (B32559)
< 4 s
recommended soldering
profile for MKT uncoated
(lead spacing
≤ 10 mm) and
insulated (B32559)
B32520 ... B32529
General purpose (stacked/wound)
Page 37 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C0682M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0682M000 EPCOS-B32529C0682M000 Datasheet
887Kb / 45P
   Film Capacitors
B32529C0682M000 EPCOS-B32529C0682M000 Datasheet
900Kb / 46P
   Film Capacitors
More results

Similar Description - B32529C0682M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com