Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75433QPWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75433QPWP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75433QPWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS75433QPWP Datasheet HTML 1Page - Texas Instruments TPS75433QPWP Datasheet HTML 2Page - Texas Instruments TPS75433QPWP Datasheet HTML 3Page - Texas Instruments TPS75433QPWP Datasheet HTML 4Page - Texas Instruments TPS75433QPWP Datasheet HTML 5Page - Texas Instruments TPS75433QPWP Datasheet HTML 6Page - Texas Instruments TPS75433QPWP Datasheet HTML 7Page - Texas Instruments TPS75433QPWP Datasheet HTML 8Page - Texas Instruments TPS75433QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
DESCRIPTION, CONTINUED
ABSOLUTE MAXIMUM RATINGS
(1)
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
The RESET (SVS, POR, or power on reset) output of the TPS752xxQ initiates a reset in microcomputer and
microprocessor systems in the event of an undervoltage condition. An internal comparator in the TPS752xxQ
monitors the output voltage of the regulator to detect an undervoltage condition on the regulated output voltage.
When the output reaches 95% of its regulated voltage, RESET goes to a high-impedance state after a 100-ms
delay. RESET goes to a logic-low state when the regulated output voltage is pulled below 95% (that is, during an
overload condition) of its regulated voltage.
The TPS754xxQ has a power good terminal (PG) as an active high, open drain output for use with a power-on
reset or a low-battery indicator.
The TPS754xxQ and TPS752xxQ are offered in 1.5 V, 1.8 V, 2.5 V and 3.3 V fixed-voltage versions and in an
adjustable version (programmable over the range of 1.5 V to 5 V). Output voltage tolerance is specified as a
maximum of 2% over line, load, and temperature ranges. The TPS754xxQ and TPS752xxQ families are
available in a 20-pin TSSOP (PWP) package.
blank
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS752xxyyyz, TPS754xxyyyz
XX is nominal output voltage (for example, 15 = 1.5 V, 01 = Adjustable(3)).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Custom fixed output voltages are available; minimum order quantities may apply. Contact factory for details and availability.
(3)
The TPS75x01 is programmable using an external resistor divider (see Application Information).
Over operating temperature range (unless otherwise noted).
PARAMETER
TPS752xxQ, TPS754xxQ
UNIT
Input voltage range, VIN
(2)
–0.3 to +6
V
Voltage range at EN
–0.3 to +16.5
V
Maximum RESET voltage (TPS752xxQ)
16.5
V
Maximum PG voltage (TPS754xxQ)
16.5
V
Peak output current
Internally limited
Output voltage range at OUT, FB
5.5
V
Continuous total power dissipation
See Dissipation Ratings Table
Operating virtual junction temperature range, TJ
–40 to +125
°C
Storage junction temperature range , TSTG
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses above these ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those specified is not implied.
(2)
All voltages are with respect to network terminal ground.
2
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated


Similar Part No. - TPS75433QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75433QPWP TI-TPS75433QPWP Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75433QPWP TI-TPS75433QPWP Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75433QPWP TI1-TPS75433QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75433QPWP TI1-TPS75433QPWP Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75433QPWPG4 TI-TPS75433QPWPG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75433QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com