Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C0682J289 Datasheet(PDF) 23 Page - EPCOS

Part # B32529C0682J289
Description  Metallized Polyester Film Capacitors (MKT)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0682J289 Datasheet(HTML) 23 Page - EPCOS

Back Button B32529C0682J289 Datasheet HTML 19Page - EPCOS B32529C0682J289 Datasheet HTML 20Page - EPCOS B32529C0682J289 Datasheet HTML 21Page - EPCOS B32529C0682J289 Datasheet HTML 22Page - EPCOS B32529C0682J289 Datasheet HTML 23Page - EPCOS B32529C0682J289 Datasheet HTML 24Page - EPCOS B32529C0682J289 Datasheet HTML 25Page - EPCOS B32529C0682J289 Datasheet HTML 26Page - EPCOS B32529C0682J289 Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
S = Stacked, W = Wound
Lead spacing 5 mm
7.5 mm
10 mm
15 mm
22.5 mm 27.5 mm 37.5 mm
Technology
S
S
S
W
S
W
W
W
W
VR
VRMS
V DC
V AC dV/dt in V/
µs
63
40
250
120
50
30
3
1
0.8
100
63
300
150
75
50
5
4
3
1
250
160
400
200
150
100
10
8
5
4
400
200
600
275
175
125
10
8.5
6
450
200
20
630
400
800
320
150
15
12
k0 values
S = Stacked, W = Wound
Lead spacing 5 mm
7.5 mm
10 mm
15 mm
22.5 mm 27.5 mm 37.5 mm
Technology
S
S
S
W
S
W
W
W
W
VR
VRMS
V DC
V AC k0 in V2/
µs
63
40
30000
15000
6300
3800
375
130
100
100
63
60000
30000
15000
10000
850
800
600
200
250
160
200000
100000
75000
50000
5000
4000
2500
2000
400
200
500000
220000 140000
100000
10000
8500
6000
450
200
15000
630
400
1000000
400000
190000
18000
15000
B32520 ... B32529
General purpose (stacked/wound)
Page 23 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C0682J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0682J000 EPCOS-B32529C0682J000 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0682J000 EPCOS-B32529C0682J000 Datasheet
887Kb / 45P
   Film Capacitors
More results

Similar Description - B32529C0682J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com