Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT02YD475MAT4S Datasheet(PDF) 1 Page - AVX Corporation

Part # LT02YD475MAT4S
Description  General Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LT02YD475MAT4S Datasheet(HTML) 1 Page - AVX Corporation

  LT02YD475MAT4S Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: Contact factory for availability of tolerance options for specific part numbers.
36
AVX introduces the LT series comprising a range of low profile
products in our X5R and X7R dielectric. X5R is a Class II dielectric
with temperature varation of capacitance within ±15% from –55°C to
+85°C. Offerings include 0201, 0402, 0603, 0805 1206, and 1210
packages in compact, low profile designs. The LT series is ideal for
decoupling and filtering applications where height clearance is limited.
AVX is also expanding the low profile products in our X7R dielectric.
X7R is a Class II dielectric with temperature variation of capacitance
within ±15% from -55ºC to +125ºC. Please contact the factory for
availability of any additional values not listed.
MLCC Low Profile
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
GENERAL DESCRIPTION
LT05
Size
LT01 - 0201
LT02 - 0402
LT03 - 0603
LT05 - 0805
LT06 - 1206
LT10 - 1210
Z
Voltage
4V = 4
6.3V = 6
10V = Z
16V = Y
25V = 3
D
Dielectric
X5R = D
X7R = C
475
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
K
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory
For
Multiples
S
Special
Code
See table below
Letter
J
ZQ
C
S
X
W
Max.
0.15
0.22
0.25
0.36
0.56
0.95
1.02
Thickness
(0.006)
(0.009)
(0.010)
(0.014)
(0.022)
(0.038)
(0.040)
PAPER
SIZE
LT01
LT02
LT03
LT05
LT06
LT10
WVDC
4
4
6.3
10
16
4
6.3
16
25
6.3
10
16
25
10
16
25
16
25
Cap
104
0.10
Z
Q
S
(μF)
0.22
X
0.47
XX
105
1.0
C
S
S
X
X
X
1.5
2.2
S
S
X
X
4.7
SX
SX
W
W
W
106
10
X/W
X
X
W
W
22
47
WVDC
4
4
6.3
10
16
4
6.3
16
25
6.3
10
16
25
10
16
25
16
25
SIZE
LT01
LT02
LT03
LT05
LT06
LT10
EMBOSSED
= X7R


Similar Part No. - LT02YD475MAT4S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT021MC SHARP-LT021MC Datasheet
86Kb / 2P
   LT021 Series Characteristics Diagrams
LT021MD SHARP-LT021MD Datasheet
86Kb / 2P
   LT021 Series Characteristics Diagrams
LT021MF SHARP-LT021MF Datasheet
86Kb / 2P
   LT021 Series Characteristics Diagrams
LT022MC SHARP-LT022MC Datasheet
45Kb / 1P
   Low noise S/N:60db(according to measurement method Fig> 29-2)
LT022MD SHARP-LT022MD Datasheet
45Kb / 1P
   Low noise S/N:60db(according to measurement method Fig> 29-2)
More results

Similar Description - LT02YD475MAT4S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com