Electronic Components Datasheet Search |
|
D4NL-4DFA-B4 Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
D4NL-4DFA-B4 Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 19 page D4NL 5 Operation Keys Specifications Standards and EC Directives Conforms to the following EC Directives: • Machinery Directive • Low Voltage Directive • EN 1088 • EN 60204-1 • GS-ET-19 Certified Standards *1. Certification for CSA C22.2 No. 14 is authorized by the UL mark. *2. Only certain models have been certified. Certified Standard Ratings TÜV (EN60947-5-1), CCC (GB14048.5) Note: Use a 10 A fuse type gI or gG that conforms to IEC60269 as a short-circuit protection device. This fuse is not built into the Switch. UL/CSA (UL508, CSA C22.2 No. 14) A300 Q300 Solenoid Coil Characteristics Indicator Characteristics Type Model D4DS-K1 D4DS-K2 D4DS-K3 D4DS-K5 Horizontal mounting Vertical mounting Adjustable mounting (Horizontal) Adjustable mounting (Horizontal/Vertical) Certification body Standard File No. TÜV SÜD EN60947-5-1 (certified direct opening) Consult your OMRON representative for details. UL *1 UL508, CSA C22.2 No.14 E76675 CQC (CCC) GB14048.5 2003010305064267 KOSHA *2 EN60947-5-1 2005-196 Item Utilization category AC-15 DC-13 Rated operating current (Ie) 3 A 0.27 A Rated operating voltage (Ue) 240 V 250 V Rated voltage Carry current Current (A) Volt-amperes (VA) Make Break Make Break 120 VAC 10 A 60 6 7,200 720 240 VAC 30 3 Rated voltage Carry current Current (A) Volt-amperes (VA) Make Break Make Break 125 VDC 2.5 A 0.55 0.55 69 69 250 VDC 0.27 0.27 Item Type 24 VDC 110 VAC Rated operating voltage (100% ED) 24 VDC 110 VAC ±10% Current consumption Approx. 200 mA Approx. 50 mA Insulation Class B (130 °C max.) Item Type LED Rated voltage 10 to 115 VAC/VDC Current leakage Approx. 1 mA Color (LED) Orange +10% −15% |
Similar Part No. - D4NL-4DFA-B4 |
|
Similar Description - D4NL-4DFA-B4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |