Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75415QPWPG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS75415QPWPG4
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75415QPWPG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS75415QPWPG4 Datasheet HTML 1Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 2Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 3Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 4Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 5Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 6Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS75415QPWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
Typical Application Circuit
PGor
RESET
OUT
OUT
4
3
5
IN
IN
EN
GND
17
6
8
9
V
IN
0.22 F
m
PGor RESET Output
V
OUT
47 F
m
+
C
OUT
(1)
SENSE
7
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
www.ti.com
TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
23
• 2-A Low-Dropout Voltage Regulator
The
TPS752xxQ
and
TPS754xxQ
devices
are
low-dropout regulators with integrated power-on reset
• Available in 1.5 V, 1.8 V, 2.5 V, 3.3 V Fixed
and power-good (PG) functions respectively. These
Output and Adjustable Versions
devices are capable of supplying 2 A of output
• Open Drain Power-On Reset With 100ms Delay
current with a dropout of 210 mV (TPS75233Q,
(TPS752xxQ)
TPS75433Q). Quiescent current is 75
μA at full load
• Open Drain Power-Good (PG) Status Output
and drops down to 1
μA when the device is disabled.
(TPS754xxQ)
These devices are designed to have fast transient
response for larger load current changes.
• Dropout Voltage Typically 210 mV at 2 A
(TPS75233Q)
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (typically
• Ultralow 75-μA Typical Quiescent Current
210 mV at an output current of 2 A for the
• Fast Transient Response
TPS75x33Q) and is directly proportional to the output
• 2% Tolerance Over Specified Conditions for
current.
Additionally,
because
the
PMOS
pass
Fixed-Output Versions
element is a voltage-driven device, the quiescent
current is very low and independent of output loading
• 20-Pin TSSOP PowerPAD™ (PWP) Package
(typically 75
μA over the full range of output current,
• Thermal Shutdown Protection
1 mA to 2 A). These two key specifications yield a
significant
improvement
in
operating
life
for
battery-powered systems.
• Telecom
The device is enabled when EN is connected to a
• Servers
low-level input voltage. This LDO family also features
• DSP, FPGA Supplies
a sleep mode; applying a TTL high signal to EN
(enable) shuts down the regulator, reducing the
quiescent current to less than 1
μA at TJ = +25°C.
blank
blank
(Fixed Voltage Options)
(1)
See Application Information for capacitor selection details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75415QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75415QPWPG4 TI-TPS75415QPWPG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75415QPWPG4 TI1-TPS75415QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75415QPWPG4 TI1-TPS75415QPWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75415QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com