Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4N-2B22 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D4N-2B22
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2B22 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D4N-2B22 Datasheet HTML 6Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 7Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 8Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 9Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 10Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 11Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 12Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 13Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
D4N
1-conduit Models
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
* Refer to page 12 for details on M12 connectors.
Plunger
D4N-1
@31
D4N-2
@31
D4N-3
@31
D4N-4
@31
D4N-9
@31 *
Two, 3
±0.05 dia.
holes
6-dia. resin
plunger
Two, 4
+0.15 dia. holes
Depth: 5
0
30
(31.5)
21.5
25±0.1
11±0.2
22±0.2
31 max.
55
47±0.2
2.5
9±0.2
OP
20±0.1
22±0.1
14.2
12 dia.
2.15
±0.05R
mounting holes
Conduit cap
Roller Plunger
D4N-1
@32
D4N-2
@32
D4N-3
@32
D4N-4
@32
D4N-9
@32 *
9.5 dia.
× 5
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
25.2
11±0.2
22±0.2
31 max.
55
47±0.2
2.5
9±0.2
OP
20±0.1
22±0.1
14.2
(31.5)
21.5
20.5
× 20.5
2.15
±0.05R
mounting holes
Conduit cap
Two, 4
+0.15 dia. holes
Depth: 5
0
One-way Roller Arm Lever
(Horizontal)
D4N-1
@62
D4N-2
@62
D4N-3
@62
D4N-4
@62
D4N-9
@62 *
Operating direction
12.5 dia.
× 5
resin roller
30
14.8
23.3
13.5
19.5±0.2
11±0.2
11±0.2
20R
10.2
22±0.2
31 max.
47±0.2
2.5
9±0.2
OP
20±0.1
22±0.1
14.2
55
(31.5)
21.5
2.15
±0.05R
mounting holes
Conduit cap
Two, 4
+0.15 dia. holes
Depth: 5
0
One-way Roller Arm Lever
(Vertical)
D4N-1
@72
D4N-2
@72
D4N-3
@72
D4N-4
@72
D4N-9
@72 *
Operating
direction
12 dia.
× 5
resin roller
30
OP
14.7
19R
19.5±0.2
11±0.2
11±0.2
12
10.2
22±0.2
31 max.
47±0.2
2.5
9±0.2
20±0.1
22±0.1
14.2
(31.5)
55
21.5
2.15
±0.05R
mounting holes
Conduit cap


Similar Part No. - D4N-2B22

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-2B22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com