Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2886DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2886DG4
Description  Average Current Mode PWM Controller IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2886DG4 Datasheet(HTML) 3 Page - Texas Instruments

  UC2886DG4 Datasheet HTML 1Page - Texas Instruments UC2886DG4 Datasheet HTML 2Page - Texas Instruments UC2886DG4 Datasheet HTML 3Page - Texas Instruments UC2886DG4 Datasheet HTML 4Page - Texas Instruments UC2886DG4 Datasheet HTML 5Page - Texas Instruments UC2886DG4 Datasheet HTML 6Page - Texas Instruments UC2886DG4 Datasheet HTML 7Page - Texas Instruments UC2886DG4 Datasheet HTML 8Page - Texas Instruments UC2886DG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UC2886
UC3886
ELECTRICAL CHARACTERISTICS Unless otherwise specified, VCC = 12V, VCOMMAND = 3.0V, CT = 1nF, RT = 10k,
TA =TJ = 0°C < TA < 70°C for the UC3886. (Note: –25°C < TA < 85°C for the UC2886,
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Buffer
Gain
IBUF = ± 500µA (UC3886)
0.98
1
1.02
V/V
IBUF = ± 500µA (UC2886)
0.95
1.05
V/V
Current-Sense Amplifier
Input Offset Voltage
VCM = 3.0V (UC3886)
2
mV
VCM = 3.0V (UC2886)
6
mV
Input Bias Current
VCM = 3.0V
-1
µA
Input Offset Current
VCM = 3.0V
0.2
µA
Open Loop Gain
2V < VISO < 6V
60
85
dB
CMRR
0V < VCM < 4.5V
60
85
dB
PSRR
11V < VCC < 15V
60
85
dB
Output High Voltage
IISO = –100µA5
V
Output Low Voltage
IISO = 1mA
1
V
Output Source Current
VISO = 2V
−0.2
mA
Gain-Bandwidth Product
F = 100kHz
2
3.5
MHz
Current Amplifier
Input Offset Voltage
VCM = 3.0V (UC3886)
13
mV
VCM = 3.0V (UC2886)
18
mV
Input Bias Current
VCM = 3.0V
1
µA
Open Loop Gain
1V < VCAO < 3V
60
85
dB
CMRR
1.5V < VCM < 4.5V
60
85
dB
PSRR
11V < VCC < 15V
60
85
dB
Output High Voltage
ICAO = –100µA
3
3.3
V
Output Low Voltage
ICAO = 100µA1
V
Output Source Current
VCAO =1V
−0.1
–0.25
mA
Gain-Bandwidth Product
F = 100kHz
2
3.5
MHz
Oscillator
Frequency
RT = 10k, CT = 1nF (UC3886)
90
100
110
kHz
RT = 10k, CT = 1nF (UC2886)
85
115
kHz
Frequency Change With Voltage
11V > VCC > 15V
1
%
CT Peak Voltage
2.6
2.8
V
CT Valley Voltage
1
1.2
V
CT Peak-to-Peak Voltage
1.6
1.8
2.0
V
Output Section
Output Low Voltage
IGATE = 200mA
1.6
2.2
V
Output High Voltage
IGATE = –200mA
9
10.3
V
Output Low Voltage
5V < VCC < 9V, IGATE = 10mA
0.5
V
VCAO < 0.8V, IGATE = 10mA
0.5
V
Rise/Fall Time
CL = 1nF
150
ns
Maximum Duty Cycle
(UC3886)
90
%
(UC2886)
85
%


Similar Part No. - UC2886DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2886 TI-UC2886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
More results

Similar Description - UC2886DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com