Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4B-4A1RN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4B-4A1RN
Description  Snap-action contact with certified direct opening operation certification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4B-4A1RN Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4B-4A1RN Datasheet HTML 1Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 2Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 3Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 4Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 5Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 6Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 7Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 8Page - Omron Electronics LLC D4B-4A1RN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CSM_D4B-
_N_DS_E_5_1
1
Safety Limit Switch
D4B-
@N
Snap-action contact with certified direct
opening operation certification
.
Maintenance, seal, and resistance to
shock increased and direct opening
mechanism added.
Three-conduit switches and 2NC
switches are also available.
• Direct opening mechanism (NC contacts only) added to
enable opening contacts when faults occur, such as fused
contacts.
• Safety of lever settings ensured using a mechanism that
engages a gear between the operating position indicator plate
and the lever.
• Equipped with a mechanism that indicates the applicable
operating zone, as well as push-button switching to control left
and right motion.
• Head seal structure strengthened to improve seal properties
(TÜV: IEC IP67, UL: NEMA 3, 4, 4X, 6P, and 13).
• Wide standard operating temperature range:
–40 to 80
°C (standard type).
• Models with gold-plated contacts added to the series to
enable handling microloads.
• Certified standards: UL, CSA, EN (TÜV), and CCC.
Model Number Structure
Model Number Legend
1. Conduit size
1: PG13.5 (1-conduit)
2: G1/2 (PF1/2) (1-conduit)
3: 1/2-14NPT (1-conduit)
4: M20 (1 conduit)
5: PG13.5 (3-conduit)
6: G1/2 (PF1/2) (3-conduit)
7: 1/2-14NPT (3-conduit)
8: M20 (3-conduit)
2. Built-in Switch
1: 1NC/1NO (snap-action)
3: 1NC/1NO (snap-action) gold-plated contacts
5: 1NC/1NO (slow-action)
*
6: 1NC/1NO (slow-action) gold-plated contacts
*
A: 2NC (slow-action)
B: 2NC (slow-action) gold-plated contacts
* Excluding D4B-@@81N and D4B-@@87N models.
3. Actuator
00: Switch box (without head)
11: Roller lever (resin roller)
15: Roller lever (stainless steel roller)
1R:Roller lever
(conventional D4B-compatible)
16: Adjustable roller lever
17: Adjustable rod lever
70: Top plunger
71: Top roller plunger
81: Coil spring
87: Plastic rod
Note: Contact your sales representative for details on models
with safety standard certification.
Be sure to read the “Safety Precautions” on page 14
and the “Precautions for All Safety Limit Switches” .
1 2
3
D4B-
@@@@N


Similar Part No. - D4B-4A1RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA OMRON-D4BL-1CRA Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA-A OMRON-D4BL-1CRA-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB OMRON-D4BL-1CRB Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB-A OMRON-D4BL-1CRB-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
More results

Similar Description - D4B-4A1RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com