Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR5043BKSZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR5043BKSZ-REEL7
Description  Precision Micropower Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5043BKSZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR5043BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 13Page - Analog Devices ADR5043BKSZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 10 of 16
TERMINOLOGY
Temperature Coefficient
The change in output voltage with respect to operating temperature
changes. It is normalized by an output voltage of 25°C. This
parameter is expressed in ppm/°C and is determined by the
following equation:
()
( )
()
()
6
10
C
25
C
ppm
×
×
°
=
⎥⎦
⎢⎣
°
1
2
UT
O
1
OUT
2
OUT
OUT
T
T
V
T
V
T
V
TCV
(1)
where:
VOUT(25°C) = VOUT at 25°C.
VOUT(T1) = VOUT at Temperature 1.
VOUT(T2) = VOUT at Temperature 2.
Thermal Hysteresis
The change in output voltage after the device is cycled through
temperatures ranging from +25°C to −40°C, then to +125°C, and
back to +25°C. This is common in precision reference and is
caused by thermal-mechanical package stress. Changes in envi-
ronmental storage temperature, board mounting temperature, and
the operating temperature are some of the factors that can
contribute to thermal hysteresis. The following equation
expresses a typical value from a sample of parts put through
such a cycle:
(
)
[]
()
()
6
_
_
_
_
10
C
25
C
25
ppm
C
25
×
°
°
=
°
=
OUT
TC
OUT
OUT
HYS
OUT
TC
OUT
OUT
HYS
OUT
V
V
V
V
V
V
V
(2)
where:
VOUT(25°C) = VOUT at 25°C.
VOUT_TC = VOUT at 25°C after a temperature cycle from +25°C to
−40°C, then to +125°C, and back to +25°C.


Similar Part No. - ADR5043BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR5043BKSZ-REEL7 AD-ADR5043BKSZ-REEL7 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results

Similar Description - ADR5043BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5041 AD-ADR5041_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com