Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC7524CNE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC7524CNE4
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7524CNE4 Datasheet(HTML) 4 Page - Texas Instruments

  TLC7524CNE4 Datasheet HTML 1Page - Texas Instruments TLC7524CNE4 Datasheet HTML 2Page - Texas Instruments TLC7524CNE4 Datasheet HTML 3Page - Texas Instruments TLC7524CNE4 Datasheet HTML 4Page - Texas Instruments TLC7524CNE4 Datasheet HTML 5Page - Texas Instruments TLC7524CNE4 Datasheet HTML 6Page - Texas Instruments TLC7524CNE4 Datasheet HTML 7Page - Texas Instruments TLC7524CNE4 Datasheet HTML 8Page - Texas Instruments TLC7524CNE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLC7524C, TLC7524E, TLC7524I
8BIT MULTIPLYING DIGITALTOANALOG CONVERTERS
SLAS061D − SEPTEMBER 1986 − REVISED JUNE 2007
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, Vref = ±10V,
OUT1 and OUT2 at GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD = 5V
VDD = 15V
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Linearity error
±0.5
±0.5
LSB
Gain error
See Note 1
±2.5
±2.5
LSB
Settling time (to 1/2 LSB)
See Note 2
100
100
ns
Propagation delay from digital input
to 90% of final analog output current
See Note 2
80
80
ns
Feedthrough at OUT1 or OUT2
Vref =
±10V (100kHz sinewave)
WR and CS at 0V, DB0−DB7 at 0V
0.5
0.5
%FSR
Temperature coefficient of gain
TA = +25°C to MAX
±0.004
±0.001
%FSR/
°C
NOTES:
1. Gain error is measured using the internal feedback resistor. Nominal full-scale range (FSR) = Vref − 1LSB.
2. OUT1 load = 100
Ω, Cext = 13pF, WR at 0V, CS at 0V, DB0 − DB7 at 0V to VDD or VDD to 0V.
operating sequence
DB0−DB7
WR
CS
th(D)
tsu(D)
tw(WR)
th(CS)
tsu(CS)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn