Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC7524CN Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC7524CN
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7524CN Datasheet(HTML) 3 Page - Texas Instruments

  TLC7524CN Datasheet HTML 1Page - Texas Instruments TLC7524CN Datasheet HTML 2Page - Texas Instruments TLC7524CN Datasheet HTML 3Page - Texas Instruments TLC7524CN Datasheet HTML 4Page - Texas Instruments TLC7524CN Datasheet HTML 5Page - Texas Instruments TLC7524CN Datasheet HTML 6Page - Texas Instruments TLC7524CN Datasheet HTML 7Page - Texas Instruments TLC7524CN Datasheet HTML 8Page - Texas Instruments TLC7524CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLC7524C, TLC7524E, TLC7524I
8BIT MULTIPLYING DIGITALTOANALOG CONVERTERS
SLAS061D − SEPTEMBER 1986 − REVISED JUNE 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
VDD = 5V
VDD = 15V
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
14.5
15
15.5
V
Reference voltage, Vref
±10
±10
V
High-level input voltage, VIH
2.4
13.5
V
Low-level input voltage, VIL
0.8
1.5
V
CS setup time, tsu(CS)
40
40
ns
CS hold time, th(CS)
0
0
ns
Data bus input setup time, tsu(D)
25
25
ns
Data bus input hold time, th(D)
10
10
ns
Pulse duration, WR low, tw(WR)
40
40
ns
TLC7524C
0
+70
0
+70
Operating free-air temperature, TA
TLC7524I
−25
+85
−25
+85
°C
Operating free-air temperature, TA
TLC7524E
−40
+85
−40
+85
C
electrical characteristics over recommended operating free-air temperature range, Vref = ±10V,
OUT1 and OUT2 at GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD = 5V
VDD = 15V
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IIH
High-level input current
VI = VDD
10
10
µA
IIL
Low-level input current
VI = 0
−10
−10
µA
IIkg
Output leakage
OUT1
DB0−DB7 at 0V,
Vref = ± 10V
WR, CS at 0V,
±400
±200
nA
IIkg
Output leakage
current
OUT2
DB0−DB7 at VDD,
Vref = ± 10V
WR, CS at 0V,
±400
±200
nA
IDD
Supply current
Quiescent
DB0−DB7 at VIHmin or VILmax
1
2
mA
IDD
Supply current
Standby
DB0−DB7 at 0V or VDD
500
500
µA
kSVS
Supply voltage sensitivity,
∆gain/∆VDD
∆VDD = ±10%
0.01
0.16
0.005
0.04
%FSR/%
Ci
Input capacitance,
DB0−DB7, WR, CS
VI = 0
5
5
pF
OUT1
DB0−DB7 at 0V,
WR, CS at 0V
30
30
Co
Output capacitance
OUT2
DB0−DB7 at 0V,
WR, CS at 0V
120
120
pF
Co
Output capacitance
OUT1
DB0−DB7 at VDD, WR, CS at 0V
120
120
pF
OUT2
DB0−DB7 at VDD, WR, CS at 0V
30
30
Reference input impedance
(REF to GND)
5
20
5
20
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn