Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BS-45FS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4BS-45FS
Description  The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-45FS Datasheet(HTML) 6 Page - Omron Electronics LLC

  D4BS-45FS Datasheet HTML 1Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 2Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 3Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 4Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 5Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 6Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 7Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 8Page - Omron Electronics LLC D4BS-45FS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
D4BS
6
Operation Keys
With Operation Key Inserted
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
26
15
40.7
78.7
36
7.3 15
5.3 5.3
20
7.5
2.5
5
11.4
20
12
4 dia.
Two, 2.65R
D4BS-K1
Black
D4BS-K3
26
18
°
18
°
15
12
20
40
40
30
30
36
(37.8)
19.5
2.5
17.5
34.6
(80.7)
5
11.4
M4 Allen-head bolt
Two, 5.3 dia.
mounting hole
4 dia.
Red
Black
15
53.7
13
26
11.4
5
2.5
36
5.3 12
7.5
20
40
52.4
5.3
× 7.3 mounting long hole
4 dia.
D4BS-K2
Black
(41)
(41)
(12)
(35)
(20±0.15)
(20±0.15)
53.5 min.
58 max.
Operation Key insertion
radius in horizontal
direction: R
≥ 1200
53.5 min.
58 max.
Operation Key insertion
radius in vertical
direction: R
≥ 1000
D4BS-1
@@S + D4BS-K1
D4BS-2
@@S + D4BS-K1
D4BS-3
@@S + D4BS-K1
Red
D4BS-1
@@S + D4BS-K2
D4BS-2
@@S + D4BS-K2
D4BS-3
@@S + D4BS-K2
Red
(41)
(41)
(13)
(35)
(40±0.15)
54.5 min.
59 max.
Operation Key insertion
radius in horizontal
direction: R
≥ 1200
54.5 min.
59 max.
Operation Key insertion
radius in vertical
direction: R
≥ 1000
D4BS-1
@@S + D4BS-K3
D4BS-2
@@S + D4BS-K3
D4BS-3
@@S + D4BS-K3
Red
(41)
(41)
(40)
(35)
(30±0.15)
81.5 min.
86 max.
Operation Key insertion
radius in horizontal
direction: R
≥ 150
81.5 min.
86 max.
Operation Key insertion
radius in vertical
direction: R
≥ 1000


Similar Part No. - D4BS-45FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-45FS OMRON-D4BS-45FS Datasheet
207Kb / 9P
   Safety-door Switch
More results

Similar Description - D4BS-45FS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ASD-BIT-SET-HN PHOENIX-ASD-BIT-SET-HN Datasheet
48Kb / 3P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
SF-BIT-SET PHOENIX-SF-BIT-SET Datasheet
47Kb / 2P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
logo
Laird Tech Smart Techno...
FG8063 LSTD-FG8063 Datasheet
1Mb / 1P
   Special UV Treated - stands up to the sun
FG24008 LSTD-FG24008 Datasheet
1Mb / 1P
   Special UV treated - stands up to the sun
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Texas Instruments
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
[Old version datasheet]   Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Shanghai Leiditech Elec...
PLED06F LEIDITECH-PLED06F Datasheet
591Kb / 3P
   The open LED protectorprovides a switching electronic
PLED12B LEIDITECH-PLED12B Datasheet
432Kb / 3P
   The open LED protectorprovides a switching electronic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com