Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91U1D-D16-A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 91U1D-D16-A
Description  91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91U1D-D16-A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  91U1D-D16-A Datasheet HTML 1Page - Bourns Electronic Solutions 91U1D-D16-A Datasheet HTML 2Page - Bourns Electronic Solutions 91U1D-D16-A Datasheet HTML 3Page - Bourns Electronic Solutions 91U1D-D16-A Datasheet HTML 4Page - Bourns Electronic Solutions 91U1D-D16-A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
91, 92, 93, 94, 95, 96, 99 - 5/8 ” Square Single-Turn Panel Control
99 - 5/8 ” Square Single-Turn Panel Control with Rotary Switch
Rotary Switch Specifications
Initial Electrical Characteristics1
Contacts:
DPST ..................................................................................................................................................................................N.O/N.O., N.C./N.C. or N.O./N.C.
DPDT....................................................................................................................................................................................2 N.O./N.C. (break before make)
Power Rating (Resistive Load):
DPST ................................................................................................................2 A @ 125 volts RMS-60 Hz or 2 A @ 28 VDC, 1 A @ 250 volts RMS-60 Hz
DPDT ..............................................................................................................................................................1 A @ 125 volts RMS-60 Hz or 1 A @ 28 VDC
Contact Resistance (0.1 VDC-10 mA)........................................................................................................................................................10 milliohms nominal
Contact Bounce ..................................................................................................................................................................................5 milliseconds maximum
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level ................................................................................................................................................................................................1500 VAC minimum
Insulation Resistance ..........................................................................................................................................................................1000 megohms minimum
Environmental Characteristics1
Operating Temperature Range ............................................................................................................................................................................0 °C to +70 °C
Exposure Temperature Range ........................................................................................................................................................................-65 °C to +125 °C
Vibration (Dual Section) ..........................................................................................................................................................................................................8 G
Contact Resistance ............................................................................................................................................................................10 milliohms maximum
Contact Bounce..............................................................................................................................................................................0.1 millisecond maximum
Shock (Dual Section) ............................................................................................................................................................................................................20 G
Contact Resistance ............................................................................................................................................................................10 milliohms maximum
Contact Bounce..............................................................................................................................................................................0.1 millisecond maximum
Rotational Life ........................................................................................................................................................................................................25,000 cycles
Switch Actuating Torque (50% Duty cycle @ Rated Power Load) ......................................................................................1.41 to 4.94 N-cm (2 to 7 oz.-in.)
Contact Resistance ..........................................................................................................................................................................100 milliohms maximum
Moisture Resistance (MIL-STD-202, Method 106, Condition B)
Contact Resistance (0.1 VDC-10 mA) ................................................................................................................................................10 milliohms maximum
Insulation Resistance (After 24 Hours @ Room Temperature) (500 VDC) ........................................................................................100 megohms minimum
Housing Material ................................................................................................................................High temperature, flame retardant, thermosetting plastic
Mechanical Characteristics1
Actuating Torque (Each Section, Switch Module Only) ......................................................................................................3.53 to 10.59 N-cm (5 to 15 oz.-in.)
Running Torque (Out of Detent, 2-4 Module Assembly) ......................................................................................................0.21 to 1.41 N-cm (0.3 to 2 oz.-in.)
Detent........................................................................................................................................................................................................CW or CCW standard
Actuation Angle..............................................................................................................................................................................................................20 ° ±5 °
Contact Materials ............................................................................................................................................................................Fine silver with gold overlay
Terminal Styles ....................................................................................................................................................................................................Solder lug only
Standard Orientation ..................................................................................................................................................................In-line with control terminals
Optional ..............................................................................................................................................................................Rotated 90 ° CCW from standard
Terminal Strength (Before and After Soldering Heat Exposure)..............................................................................................................0.9 kg (2 lbs.) minimum
NOTE: Model 99 performance specifications do not apply to units subjected to printed circuit board cleaning procedures.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.


Similar Part No. - 91U1D-D16-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91U1DB22A10R51 ETC1-91U1DB22A10R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91U1DB22A13R51 ETC1-91U1DB22A13R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91U1DB22A15R51 ETC1-91U1DB22A15R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91U1DB22A18R51 ETC1-91U1DB22A18R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91U1DB22A20R51 ETC1-91U1DB22A20R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
More results

Similar Description - 91U1D-D16-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com