Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7730 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7730
Description  8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7730 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SPT7730 Datasheet HTML 1Page - Fairchild Semiconductor SPT7730 Datasheet HTML 2Page - Fairchild Semiconductor SPT7730 Datasheet HTML 3Page - Fairchild Semiconductor SPT7730 Datasheet HTML 4Page - Fairchild Semiconductor SPT7730 Datasheet HTML 5Page - Fairchild Semiconductor SPT7730 Datasheet HTML 6Page - Fairchild Semiconductor SPT7730 Datasheet HTML 7Page - Fairchild Semiconductor SPT7730 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
12/19/97
SPT7730
Figure 4 - Single Shot Mode Timing Diagram
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
9
A
10
A
11
A
12
A
Start
Conversion
Sample
Analog Input
A7
A6
A5
A4
A3
A2
A1
A0
MSB
LSB
Clock
Serial Data Out
High Z State
tSC
Latch
MSB
Start Convert
Figure 5 - Synchronous Mode Timing Diagram
1
B
2
B
3
B
4
B
5
B
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
11
A
Start
Sample
Analog Input
A
Start Convert
Clock
Serial Data Out
Sample
Analog Input
B
A7
A6
A5
A4
MSB
LSB
A0
A1
12
A
Latch
MSB
B7
Latch
MSB
tSC
tSC
MSB
High Z State
Figure 6 - Free Run Mode Timing Diagram
1
B
2
B
3
B
4
B
5
B
6
B
7
B
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
1
1
A
Start
Sample
Analog Input
A
Clock
Serial Data Out
Sample
Analog Input
B
B7
B6
B5
A7
A6
A5
A4
MSB
LSB
A0
A1
1
2
A
Latch
MSB
Start Convert
MSB
Figure 7 - Typical Interface Circuit
Figure 8 - Data Output Timing
VREF+
Analog In
VREF-
Ground
VDD
Data Out
Clock
SC
REF IN
VIN
+VDD
.01 µF
.01 µF
+VDD
0 V
+VDD
0 V
+VDD
0 V
VREF+
0 V
5
A
4
A
Clock
Data Out
A7
A1
td=8 ns
1
1
A
1
2
A
td=8 ns
td=8 ns
td=8 ns
MSB
A0
LSB


Similar Part No. - SPT7730

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCS CADEKA-SPT7730SCS Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCU CADEKA-SPT7730SCU Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7730

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com