Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4610M-801-101103 Datasheet(PDF) 56 Page - Bourns Electronic Solutions

Part # 4610M-801-101103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-801-101103 Datasheet(HTML) 56 Page - Bourns Electronic Solutions

Back Button 4610M-801-101103 Datasheet HTML 52Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 53Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 54Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 55Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 56Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 57Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 58Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 59Page - Bourns Electronic Solutions 4610M-801-101103 Datasheet HTML 60Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Specifications are subject to change without notice.
332
Application Guidelines
Termination of address and control lines is typically accom-
plished with low-valued resistors placed in series at the driver
output. Selection of the proper resistance value is performed in
two steps: approximation of the proper resistance using trans-
mission line equations, and secondly, through trial and error,
changing the resistance value to account for real world devia-
tions such as PCB vias and bends.
The appropriate transmission line equations are as
follows:
Zo = characteristic line impedance
(microstrip)
87
5.98h
=
In
ohms
er + 1.41
(
0.8w + t
)
Td = propagation delay of the line
= 1.017
0.475e
r + 0.67 ns/in.
Co = trace capacitance = 1000 (Td/Zo) pF/in.
Cd = equivalent trace capacitance associated with
each DRAM. It takes 0.5 inch to interconnect
one DRAM.
= 3.5pF/0.5 in. = 7 pF/in.
Zo’ = effective characteristic impedance, accounting
for capacitive loading of the DRAMs.
Zo
=
1 + C
d/Co
Td’ = effective propagation delay, accounting for the
capacitive loading of the DRAMs
Td = Td 1 + Cd/Co
where er = relative dielectric constant of the PCB’s glass
epoxy layer
h
= distance from the trace to the ground plane
w
= width of trace
t
= thickness of trace
(Ref. MMI Systems Design Handbook, pp. 10-5 and 10-6.)
For example, for a trace with the following characteristics:
er
= 5 (for G10 glass epoxy)
h
= 30 mils
w
= 15 mils
t
= 3 mils
then, Zo = 85 ohms
Td = 0.15 ns/in.
Co = 1.76 pF/in.
Zo’ = 38 ohms
Td’ = 0.35 ns/in.
Thus on a theoretical basis, the design will require the resis-
tance of 38 ohms to match the trace impedance of the PCB.
However, the actual impedance will differ from this theoretical
value due to the non-ideal characteristics of the PCB trace
geometry (i.e., bends, curves and vias in the trace), as well as
the manufacturing variations inherent in the components and
materials. Therefore, a trial-and-error process must be employed
in order to optimize the value of the damping resistor.
The procedure involves selecting various values around the
calculated value and observing the resulting waveforms on an
oscilloscope. Choose the value that best balances the reduction
in ringing/reflection and the reduction in speed: a large resis-
tance value provides better damping, but will also add delay by
slowing the edge rate. Typically, resistance values for memory
damping will be in the range of 10 ohms to 50 ohms, with the
most common values in the 20 ohm to 30 ohm range.
Since memory damping is a type of series termination, distrib-
uted loading along the line will not be possible. That is, the
entire lumped load must be located at the end of the line, with
no other loads along the signal path. This will guarantee that the
waveform will remain undisturbed as it travels along the line. For
related reasons, the placement of the series damping resistor
should be as close to the driving device as possible.
DRAM Applications


Similar Part No. - 4610M-801-101103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-801-101103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com