Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4610H-803-500103 Datasheet(PDF) 46 Page - Bourns Electronic Solutions

Part # 4610H-803-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610H-803-500103 Datasheet(HTML) 46 Page - Bourns Electronic Solutions

Back Button 4610H-803-500103 Datasheet HTML 42Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 43Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 44Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 45Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 46Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 47Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 48Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 49Page - Bourns Electronic Solutions 4610H-803-500103 Datasheet HTML 50Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Specifications are subject to change without notice.
322
FOR PRODUCT SPECIFICATIONS, SEE PAGES 307 AND 308.
Bus termination (in this case, RC termination technique)
considerably reduces overshoots and ringings.
Transmission lines require termination when the time it takes
the signal to travel from one end of the line to the other (the
propagation delay) amounts to 1/2 or more of the edge rate of
the signal (signal rise time or fall time). In other words, termina-
tion is required when:
Tpd > (1/2)Te
Te = edge rate
Tpd = propagation delay
Present high-speed logic families have typical rise times of 2
nanoseconds, while the propagation delay of a common PCB is
about 1.77 ns per foot. Applying the above relationship, a trans-
mission line will require termination if it is longer than 7 inches.
High performance systems will commonly need Bourns termi-
nation networks for CPU address, data, and control lines. In
addition, clock inputs, write and read strobe lines, chip select or
output enable lines of high speed devices such as static RAMs,
PROMs, and PLDs will also need termination networks.
TERMINATION
TYPICAL
ADDS
RESISTOR CAPACITOR
TECHNIQUE
POWER
DELAY
VALUE
VALUE
USAGE
RC
MEDIUM
NO
Zo
200-500pF
General Description
This series of RC Networks is designed to eliminate transmis-
sion line effects, such as signal reflections and ringing which
influence high speed CMOS. The Networks capacitor blocks
DC currents while acting as a short circuit during signal transmi-
tions, thus reducing power consumption. The capacitor also
holds the bus at the last logic level to avoid excessive currents.
Block Diagram Of CPU/BUS Configuration
Bus Termination Applications Of Bourns Networks
At high frequencies, the traces on a printed circuit board act
as transmission lines—in which impedance mismatches can
cause distortion of signals on that line. Terminating the lines
with resistor or resistor-capacitor networks provides the means
to match impedances and reduce signal distortion.
RC Terminator Networks 700 Series


Similar Part No. - 4610H-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610H-101-RC BOURNS-4610H-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610H-104-RC BOURNS-4610H-104-RC Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4610H-104-RC/RC BOURNS-4610H-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610H-4-RC/RC BOURNS-4610H-4-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
   RC Terminator Networks
More results

Similar Description - 4610H-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com