Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4610M-803-500103 Datasheet(PDF) 38 Page - Bourns Electronic Solutions

Part # 4610M-803-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-803-500103 Datasheet(HTML) 38 Page - Bourns Electronic Solutions

Back Button 4610M-803-500103 Datasheet HTML 34Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 35Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 36Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 37Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 38Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 39Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 40Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 41Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 42Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
4300T, S, K Series - Thin Film Molded SIP
Specifications are subject to change without notice.
Product Characteristics
Resistance Range
Bussed ...................49.9 to 100K ohms
Isolated ......................20 to 200K ohms
Series.........................20 to 100K ohms
Resistance Tolerance
............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
Temperature Range ......-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking ..........................±5ppm/°C
Maximum Operating Voltage.............50V
Environmental Characteristics
Thermal Shock and
Power Conditioning ....................... 0.1%
Short Time Overload ...................... 0.1%
Terminal Strength ......................... 0.25%
Resistance to Soldering Heat ........ 0.1%
Moisture Resistance ...................... 0.1%
Life ............................................... 0.50%
Physical Characteristics
Body Material Flammability
...........................Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
150
1.75
1.50
1.25
1.00
.75
.50
.25
25
4311T
4310T
4309T
4308T
4306T
125
Package Power Ratings at 70°C
T
S
K
4304 .......... ............ 0.60...... 0.80 watts
4306 ...... 0.75.......... 0.90...... 1.20 watts
4308 ...... 1.00.......... 1.20...... 1.60 watts
4309 ...... 1.13 ................................watts
4310 ...... 1.25.......... 1.50...... 2.00 watts
4311 ...... 1.38 ................................watts
27.53
(1.084)
4.95
(.195)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.02
± .12
(.040
± .005)
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
.483
± .050
(.020
± .002)
2.16
± .10
(.085
± .004)
1.02
± .05
(.0425
± .002)
.254
± .050
(.010
± .002)
PIN #1 REF.
.381 + .127/ - .000
(.015 + .005/ - 000)
MAX.
24.99
(.984)
MAX.
22.45
(.884)
MAX.
19.92
(.784)
MAX.
14.83
(.584)
MAX.
TYP.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4300T
PART
NUMBER
4311T-101-
1003BB
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
43 11 T - 101 - 2222 F A B
Model
(43 = Molded SIP)
Number of Pins
Physical Config.
•T = Low Profile Thin Film
•S = Medium Profile Thin Film
•K = High Profile Thin Film
Electrical Configuration
•101 = Bussed
•102 = Isolated
•106 = Series
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Consult factory for other available options.
Features
s
Low profile provides compatibility with
DIPs
s
Also available in medium profile (4300S -
.250”) and high profile (4300K - .350”)
s
Marking on contrasting background
s
Custom circuits available per factory
Package Power Temp. Derating Curve
(Low Profile, 4300T)
Product Dimensions
314


Similar Part No. - 4610M-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com