Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4610M-803-500103 Datasheet(PDF) 22 Page - Bourns Electronic Solutions

Part # 4610M-803-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-803-500103 Datasheet(HTML) 22 Page - Bourns Electronic Solutions

Back Button 4610M-803-500103 Datasheet HTML 18Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 19Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 20Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 21Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 22Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 23Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 24Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 25Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 26Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
4600M Series - Thick Film Conformal SIPs
Specifications are subject to change without notice.
298
Electrical Characteristics
Standard Resistance Values
......................10 ohms to 10 megohms
Maximum Operating Voltage...........100V
Temperature Coefficient of Resistance
50W to 2.2 MW ................±100ppm/°C
below 50W .......................±250ppm/°C
above 2.2 MW ..................±250ppm/°C
TCR Tracking ..........................50ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Operating Temperature
...................................-55°C to +125°C
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat
.................................................±0.25%
Terminal Strength........................±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Body Material........................Epoxy resin
Standard Packaging
....................Bulk, Ammo-pak available
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4612M
4608M
4606M
4614M
4604M
4610M
Package Power Ratings (Watts)
Ambient
Ambient
Temperature
Temperature
Pkg.
70°C
Pkg.
70°C
4604M
0.60
4610M
1.50
4605M
0.75
4611M
1.65
4606M
0.90
4612M
1.80
4607M
1.05
4613M
1.95
4608M
1.20
4614M
2.10
4609M
1.35
A
MAXIMUM
PIN #1
REF.
6.35
(.250)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
2.49
(.098)
MAX.
.254
± .050
(.010
± .002)
TYP.
Maximum package length is equal to 2.54mm (.100") times the
number of pins, less .005mm (.002").
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
MAX.
3.43 +.38/ -.508
(.135 +.015/ -.020)
NUMBER OF PINS
6M-2-222
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
46 06 M - 101 - 222
Model
(46 = Conformal SIP)
Number of Pins
Physical Configuration
(M = Thick Film Medium Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
• AP1 = Bussed Ammo
• AP2 = Isolated Ammo
• AP4 = Dual Ammo
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Consult factory for other available options.
Part Number
Part Number
4606M-101-RC
6M-1-RC
4608M-102-RC
8M-2-RC
4610M-104-RC/RC
10M-4-RC/RC
RC = ohmic value, 3-digit resistance code.
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
Features
s
Medium profile offers increased power
handling
s
Wide assortment of pin packages
enhances design flexibility
s
Ammo-pak packaging available
s
Recommended for rosin flux and solvent
clean or no clean flux processes
s
Marking on contrasting background for
permanent identification
Package Power Temp. Derating Curve
Product Dimensions


Similar Part No. - 4610M-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com