Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4610M-803-500103 Datasheet(PDF) 18 Page - Bourns Electronic Solutions

Part # 4610M-803-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-803-500103 Datasheet(HTML) 18 Page - Bourns Electronic Solutions

Back Button 4610M-803-500103 Datasheet HTML 14Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 15Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 16Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 17Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 18Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 19Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 20Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 21Page - Bourns Electronic Solutions 4610M-803-500103 Datasheet HTML 22Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
4600X Series - Thick Film Conformal SIPs
Specifications are subject to change without notice.
294
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage...........100V
Temperature Coefficient of Resistance
50
Ω to 2.2 MΩ..................±100ppm/°C
below 50
Ω ........................±250ppm/°C
above 2.2 M
Ω...................±250ppm/°C
TCR Tracking ..........................50ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Operating Temperature
...................................-55°C to +125°C
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat .....±0.25%
Terminal Strength........................±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Body Material........................Epoxy resin
Standard Packaging
....................Bulk, Ammo-pak available
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4612X
4608X
4606X
4614X
4604X
4610X
Package Power Ratings (Watts)
Ambient
Ambient
Temperature
Temperature
Pkg.
70°C
Pkg.
70°C
4604X
0.50
4610X
1.25
4605X
0.63
4611X
1.38
4606X
0.75
4612X
1.50
4607X
0.88
4613X
1.63
4608X
1.00
4614X
1.75
4609X
1.13
A
MAXIMUM
PIN #1
REF.
5.08
(.200)
MAX.
3.43 +.38/ -.508
(.135 +.015/ -.020)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
2.49
(.098)
MAX.
.254
± .050
(.010
± .002)
MAX.
Maximum package length is equal to 2.54mm (.100") times the
number of pins, less .005mm (.002").
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
NUMBER OF PINS
6X-2-222
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
46 06 X - 101 - 222
Model
(46 = Conformal SIP)
Number of Pins
Physical Configuration
(X = Thick Film Low Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
• AP1 = Bussed Ammo
• AP2 = Isolated Ammo
• AP4 = Dual Ammo
Resistance Code
• First 2 digits are significant
• Third digit represents the number of
zeros to follow.
Consult factory for other available options.
Part Number
Part Number
4606X-101-RC
6X-1-RC
4608X-102-RC
8X-2-RC
4610X-104-RC/RC
10X-4-RC/RC
RC = ohmic value, 3-digit resistance code.
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
Package Power Temp. Derating Curve
Product Dimensions
Features
s
Low profile is compatible with DIPs
s
Wide assortment of pin packages
enhances design flexibility
s
Ammo-pak packaging available
s
Recommended for rosin flux and solvent
clean or no clean flux processes
s
Marking on contrasting background for
permanent identification


Similar Part No. - 4610M-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-803-500103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com