Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 37 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 37 Page - Bourns Electronic Solutions

Back Button 4610M-802-500103 Datasheet HTML 33Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 34Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 35Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 36Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 37Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 38Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 39Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 40Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 41Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
4100T - Thin Film Molded DIP
Product Characteristics
Resistance Range ........50 to 100K ohms
Resistance Tolerance
.............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
Temperature Range
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking ..........................±5ppm/°C
Maximum Operating Voltage.............50V
Environmental Characteristics
TESTS PER MIL-STD-202........
∆R MAX.
Thermal Shock ............................... 0.1%
Low Temperature Operation ........ 0.25%
Short Time Overload ...................... 0.1%
Resistance to Soldering Heat ........ 0.1%
Moisture Resistance ...................... 0.1%
Mechanical Shock........................ 0.25%
Life ................................................. 0.5%
High Temperature Storage ............. 0.2%
Low Temperature Storage.............. 0.1%
Physical Characteristics
Lead Frame Material
..........................Copper, solder coated
Body Material Flammability
...........................Conforms to UL94V-0
Body Material ..................Novolac Epoxy
AMBIENT TEMPERATURE ( C )
°
2.75
2.50
2.25
2.00
1.75
1.50
1.25
PACKAGE POWER TEMPERATURE
DERATING CURVE (4100T-1)
0
70
150
25
125
4118T
4120T
4114T
4116T
4108T
3.00
1.00
Package Power Ratings at 70°C
4108T ......................................1.09 watts
4114T ......................................2.00 watts
4116T ......................................2.25 watts
4118T ......................................2.50 watts
4120T ......................................2.80 watts
PIN #1 REF.
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03
± .12
(.080
± .005)
TYP.
.89
± .25
(.035
± .010)
2.54
± .25
(.100
± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438
± .050
(.019
± .002)
TYP.
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.264
± .004)
.254
± .050
(.010
± .002)
8.64
± .50
(.340
± .020)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
ABSOLUTE
TOLERANCE CODE
TC CODE
4116T-2-
-2203BC
YYWW
Typical Part Marking
Represents total content. Layout may vary.
How To Order
41 16 T - 2 - 2222 F A B
Model
(41 = Molded Dip)
Number of Pins
Physical Config.
•T = Thin Film
Electrical Configuration
•2 = Bussed
•1 = Isolated
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •B = ±0.1% to R1
•D = ±0.5% to R1
Consult factory for other available options.
Features
s
Custom circuits available per factory
Isolated Resistors (1 Circuit)
Available in 8, 14, 16, 18, and 20 Pin
Bussed Resistors (2 Circuit)
Available in 8, 14, 16, 18, and 20 Pin
These models incorporate 4, 7, 8, 9, or
10 thin-film resistors of equal value,
each connected between a separate pin.
Power Rating per Resistor..........0.2 watt
Resistance Range .......50 to 100K ohms
These models incorporate 7, 13, 15, 17,
or 19 thin-film resistors of equal value,
each connected by a common pin.
Power Rating per Resistor........0.12 watt
Resistance Range .........50 to 50K ohms
1
ISOLATED RESISTORS
001 CIRCUIT
7
14
8
BUSSED RESISTORS
002 CIRCUIT
14
8
1
7
Specifications are subject to change without notice.
313
Product Dimensions


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz