Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 33 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 33 Page - Bourns Electronic Solutions

Back Button 4610M-802-500103 Datasheet HTML 29Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 30Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 31Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 32Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 33Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 34Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 35Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 36Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 37Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
800 Series - RC Networks ECL Terminator Circuits
Specifications are subject to change without notice.
309
General Description
Digital systems incorporating Emitter
Coupled Logic (ECL) or other ultra-high
switching speed logic families will require
signal termination to prevent transmis-
sion line effects such as reflections and
ringing due to fast transition times.
Bourns 800 series resistor capacitor net-
works are ideal for termination of high
speed transmission lines. Each network
is composed of resistors for parallel
termination and bypass capacitor(s) for
cross talk noise reduction.
The 5 conformal coated SIP circuit varia-
tions offered are as follows.
Electrical Characteristics
Resistance Tolerance.......................±5%
Resistance Power.......................0.1 watt
Capacitance Tolerance ..................±20%
Capacitor Dielectric Type..................X7R
Capacitance Voltage Rating .......50 Volts
Physical Characteristics
Flammability .........Conforms to UL94V-0
Leadframe ...................Copper (Olin 194)
Body Material...............Epoxy/Anhydride
(Conformal Material)
Custom Resistance Range
...........................10 ohms to 50K ohms
Custom Capacitance Range
................................39pF to 100,000pF
NPO and Z5U dielectrics available on a
custom basis.
A
MAXIMUM
PIN #1
REF.
MEDIUM PROFILE
HIGH PROFILE
A
MAXIMUM
PIN #1
REF.
8.89
(.350)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
2.49
(.098)
MAX.
.254
± .050
(.010
± .002)
TYP.
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
6.35
(.250)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
3.81
(.150)
MAX.
.254
± .050
(.010
± .002)
TYP.
PART NUMBER
4608M-801
500/103
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
801 AND 802
Represents total content. Layout may vary.
PART NUMBER
4610H-805
500/103
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
803 AND 805
Represents total content. Layout may vary.
PART NUMBER
4612M-804
500
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
804
Represents total content. Layout may vary.
Typical Part Marking
Product Dimensions
FOR ADDITIONAL INFORMATION, SEE APPLICATION NOTE ON PAGES 324 AND 325.
Features
s
Optimize data transmission in ECL
systems through proper termination
between drivers and receivers
s
Minimize overshoot, undershoot, and
ringing while increasing noise immunity
s
Provide decoupling capacitors
s
Minimize space and routing problems,
and reduce manufacturing cost per
installed resistive function
s
Increase board yields and reliability by
reducing component count


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz