Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 29 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 29 Page - Bourns Electronic Solutions

Back Button 4610M-802-500103 Datasheet HTML 25Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 26Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 27Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 28Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 29Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 30Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 31Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 32Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 33Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
601 Series - RC Networks T-Filters
General Description
Continual advances in digital IC technology are creating stringent demands on
EMI/RFI levels in equipment.
EMI/RFI low pass filters are required in personal computers, data terminals, test
equipment and process controllers for high frequency suppression into or out of
electronic equipment.
For additional information, see application note on pages 320 and 321.
Electrical Specifications - Resistors
Standard Resistance Range* ............................................................10 ohms - 100 ohms
Series Resistance Tolerance ...................................................................................±10%
Temperature Coefficient of Resistance ........................................................±300ppm/°C
Operating Voltage .................................................................................25 volts maximum
Operating Temperatures ..........................................................................+10°C to +85°C
*Other Resistance Values Available, 10 ohms - 1 megohm
Electrical Specifications - Capacitors
Standard Capacitance Range ...................................................................50pF to 200pF
Capacitance Tolerance.............................................................................................±30%
Temperature Characteristic ........................................................................................Z5U
Operating Temperatures ...........................................................................+10°C to +85°C
Voltage Rating .......................................................................................................25 volts
Dielectric Withstand Voltage ...............................................................2.5 x rated voltage
Insulation Resistance ............................................................10,000 megohms minimum
Environmental Specifications - Resistors
∆R MAXIMUM
Thermal Shock .......................................................................................................±0.5%
Resistance to Solder Heat .....................................................................................±0.5%
Terminal Strength ...................................................................................................±0.5%
Mechanical Specifications
Flammability ...................................................................................Conforms to UL94 V-0
Leadframe .....................................................................................Copper, solder coated
Body Material ............................................................................................Epoxy/Novolac
Lead Solderability .................................Meet requirements of MIL-STD-202 Method 208
PIN #1 REF.
4118R AND 4120R
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
TYP.
.89
± .25
(.035
± .010)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03
± .12
(.080
± .005)
2.54
± .25
(.100
± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438
± .050
(.019
± .002)
TYP.
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.264
± .004)
.76
± .25
(.030
± .010)
.254
± .050
(.010
± .002)
8.64
± .50
(.340
± .020)
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4420P
.432
± .056
(.017
± .002)
.940 + .355
(.037
± .014)
8
° MAX.
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
TYP.
12.95
± .07
(.510
± .003)
1.27
± .076
(.050
± .003*)
TYP.
.127 + .127/ - .000
(.005 + .005/ - .000)
2.65
(.104)
MAX.
.305 + .000/ - .076
(.012 + .000/ - .003)
Features
s
Cost effective R-C construction
s
Insulation resistance testing for reliability
s
Molded surface mount or DIP packaging
s
Compatible with automatic assembly
equipment
s
Custom value capability
Specifications are subject to change without notice.
305


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz