Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 19 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 19 Page - Bourns Electronic Solutions

Back Button 4610M-802-500103 Datasheet HTML 15Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 16Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 17Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 18Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 19Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 20Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 21Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 22Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 23Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Specifications are subject to change without notice.
295
Isolated Resistors (102 Circuit)
Model 4600X-102-RC
4, 6, 8, 10, 12, 14 Pin
Bussed Resistors (101 Circuit)
Model 4600X-101-RC
4 through 14 Pin
Dual Terminator (104 Circuit)
Model 4600X-104-R1/R2
4 through 14 Pin
ISOLATED RESISTORS
102 CIRCUIT
1
4
6
12
14
...
BUSSED RESISTORS
101 CIRCUIT
1
14
DUAL TERMINATOR
104 CIRCUIT
1
8
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
These models incorporate 2 to 7
isolated thick-film resistors of equal
value, each connected between two
pins.
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 5 megohms..................±2%*
Above 5 megohms...........................±5%
Power Rating per Resistor
At 70°C ....................................0.30 watt
Power Temperature Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
.60
These models incorporate 3 to 13
thick-film resistors of equal value, each
connected between a common bus
(pin 1) and a separate pin.
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 5 megohms..................±2%*
Above 5 megohms...........................±5%
Power Rating per Resistor
At 70°C ....................................0.20 watt
Power Temperature Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
.60
The 4608X-104 (shown above) is an 8-
pin configuration and terminates 6 lines.
Pins 1 and 8 are common for ground and
power, respectively. Twelve thick-film
resistors are paired in series between
the common lines (pins 1 and 8).
Resistance Tolerance
Below 100 ohms........................±2 ohms
100 ohms to 5 megohms................±2%*
Above 5 megohms...........................±5%
Power Rating per Resistor
At 70°C ....................................0.20 watt
Power Temperature Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
.60
Popular Resistance Values (101, 102 Circuits)**
* ±1% TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE “F” AFTER THE RESISTANCE CODE.
**NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE.
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
Popular Resistance Values (104 Circuit)**
Resistance
(Ohms)
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
4600X Series - Thick Film Conformal SIPs


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz