Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button 4610M-802-500103 Datasheet HTML 6Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 7Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 8Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 9Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 10Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 11Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 12Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 13Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 14Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
4100R Series - Thick Film Molded DIPs
Specifications are subject to change without notice.
286
AMBIENT TEMPERATURE ( C )
°
0
70
125
4.00
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
PACKAGE POWER TEMPERATURE
DERATING CURVE
4108R
4114R
4116R
4118R
4120R
PIN #1 REF.
4.57 + .12/ - .28
(.180 + .005/ - .007)
3.43 + .38/ - .25.
(135 + .015/ - .010)
MAX.
2.03
± .12
(.080
± .005)
2.54
± .25
(.100
± .010*)
.438
± .050
(.019
± .002)
1.65 + .12/ - .07
(.065 + .005/ - .003)
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.260 + .005)
(.260 - .000)
8.64
± .50
(.340
± .020)
.254
± .050
(.010
± .002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
MAX.
8.40
(.331)
TYP.
.89
± .25
(.035
± .010)
TYP.
NON-ACCUM.
TYP.
PART
NUMBER
4114R-1-
152
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage...........100V
Temperature Coefficient of Resistance
50
Ω to 2.2 MΩ..................±100ppm/°C
below 50
Ω ........................±250ppm/°C
above 2.2 M
Ω...................±250ppm/°C
TCR Tracking ..........................50ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Operating Temperature
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat
.................................................±0.25%
Terminal Strength........................±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
Package Power Rating at 70°C
4108R......................................1.69 watts
4114R......................................2.00 watts
4116R......................................2.25 watts
4118R......................................2.50 watts
4120R......................................2.80 watts
How To Order
41 14 R - 1 - 152
Model
(41 = Molded DIP)
Number of Pins
Physical Configuration
(R = Thick Film Low Profile)
Electrical Configuration
• 1 = Isolated
• 2 = Bussed
• 3 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Consult factory for other available options.
Features
s
Compatible with automatic insertion
equipment
s
Superior package integrity
s
Marking on contrasting background for
permanent identification
Package Power Temp. Derating Curve
Product Dimensions


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz