Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 59 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 59 Page - Bourns Electronic Solutions

Back Button 4610M-802-500103 Datasheet HTML 54Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 55Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 56Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 57Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 58Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 59Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 60Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 61Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 62Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Specifications are subject to change without notice.
335
Voltage Divider
Voltage dividers are used to step down voltages for analog
processing. Applications are found in multi-meters, oscillo-
scopes, oscillator stage of voltage control oscillators, etc. The
application needs precise resistors to ensure that errors are not
added during the conversion process.
THICK FILM VS. THIN FILM
STANDARD VS. PRECISION
9K
90K
900K
9M
1K
VIN
VIN
VOUT
10
=
1
VIN
VOUT
100
=
2
VIN
VOUT
1000
=
3
VIN
VOUT
10,000
=
4
Data Conversion
Data converters are used to convert digital data to analog sig-
nals or vice versa. The precision of the high bit affects the over-
all precision of the data convertor. Thus, thick film resistors are
used in the lower bits while the thin film or bulk foil resistors are
used in the high order bits.
R
2R
2
R
N 1
EREF
E OUT
EREF
R
R F
PARALLEL CODE
INPUT DATA WORD
Parallel bit conductance switching D/A converter.
Thick Film
Thin Film
Parameter
Circuits
Circuits
Resistance
3
Ω to 20MΩ
10
Ω to 100KΩ
Resistance Tolerance
.5%, 1%, 2%, 5% .1%, .2%, .5%
TCR
±100ppm/°C
±25ppm/°C
TCR Tracking
100ppm/°C
5ppm/°C
Operating Temperature
-55°C to +125°C -55°C to +125°C
Max. Operating Voltage
100 volts
50 volts
Resistor Power
.125W to .5W
.1W to .2W
Thin Film Applications


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz