Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-802-500103 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part No. 4610M-802-500103
Description  Resistor Networks Product Selection Guide
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-802-500103 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  4610M-802-500103 Datasheet HTML 1Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 2Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 3Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 4Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 5Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 6Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 7Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 8Page - Bourns Electronic Solutions 4610M-802-500103 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Specifications are subject to change without notice.
281
Package
Series
Pin
Isolated
Bussed
Dual
Page
Type
Number
Ct.
Resistors
Resistors
Terminators
No.
14
4814P-1-RC
4814P-2-RC
4814P-3-RC/RC
16
4816P-1-RC
4816P-2-RC
4816P-3-RC/RC
4816P-4-RC
4800P
18
4818P-1-RC
4818P-2-RC
4818P-3-RC/RC
302
20
4820P-1-RC
4820P-2-RC
4820P-3-RC/RC
4820P-4-RC
Thick Film, Surface Mount Packages (continued)
SOM SMD 5.59mm
Medium Body
with Gull Wing Lead Form
5.59
± .12
(.220
± .005)
7.62
± .25
(.300
± .010)
Package
Series
Pin
Capacitor
Capacitor
Circuit
Page
Type
Number
Ct.
Types
Range
Type
No.
4100R-601
18,20
Z5U
50pf - 200pf
T-Filter
305
4400P-601
20
Z5U
50pf-200pf
T-Filter
305
RC Networks Standard Circuits (Custom Circuits Available)
Molded DIP
Low Profile
PIN #1 REF.
.635
(.025)
SOGN SMD 7.49mm
Wide Body, Gull Wing
.432
± .056
(.017
± .002)
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
TYP.
Resistor Networks Product Selection Guide


Similar Part No. - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4610M-101-RC BOURNS-4610M-101-RC Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4610M-104-RC/RC BOURNS-4610M-104-RC/RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-901-104LF BOURNS-4610M-901-104LF Datasheet
335Kb / 1P
   Capacitor Networks
4610M-902-103LF BOURNS-4610M-902-103LF Datasheet
335Kb / 1P
   Capacitor Networks
More results

Similar Description - 4610M-802-500103

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
International Rectifier
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
Bourns Electronic Solutions
Bourns Electronic Solut...
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
List of Unclassifed Manufacturers
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
Bourns Electronic Solutions
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
NXP Semiconductors
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
Advanced Linear Devices
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
Littelfuse
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
Samsung semiconductor
Samsung semiconductor
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz