Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA335AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA335AIDR
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA335AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA335AIDR Datasheet HTML 5Page - Texas Instruments OPA335AIDR Datasheet HTML 6Page - Texas Instruments OPA335AIDR Datasheet HTML 7Page - Texas Instruments OPA335AIDR Datasheet HTML 8Page - Texas Instruments OPA335AIDR Datasheet HTML 9Page - Texas Instruments OPA335AIDR Datasheet HTML 10Page - Texas Instruments OPA335AIDR Datasheet HTML 11Page - Texas Instruments OPA335AIDR Datasheet HTML 12Page - Texas Instruments OPA335AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
FIGURE 3. Temperature Measurement Circuit.
++
+
––
4.096V
0.1
µF
+5V
Zero Adj.
K-Type
Thermocouple
40.7
µV/°C
R
2
549
R
9
150k
R
5
31.6k
R
1
6.04k
R
6
200
+5V
0.1
µF
R
2
2.94k
V
O
R
3
60.4
R
4
6.04k
OPA335
D1
REF3040
FIGURE 4. Auto-Zeroed Transimpedance Amplifier.
FIGURE 5. Single Op Amp Bridge Amplifier Circuits.
R
1
V
EX
V
OUT
V
REF
R
1
OPA335
R
R
RR
+5V
a. 5V Supply Bridge Amplifier.
V
EX = +2.5V
R
1 = 105Ω
@ V
S = 2.7V,
V
CMmax = 1.2V
V
OUT
OPA335
300
Bridge
+2.7V
R
2
Select R
1 so bridge
output
≤ V
CMmax.
V
REF
R
2
b. 2.7V Supply Bridge Amplifier.
1M
I
IN
R
1
R
2
C
1
C
2
40k
(1)
–5V
OPA343
OPA335
Photodiode
NOTE: (1) Optional pull-down
resistor to allow below
ground output swing.
+5V
+5V
b. Single Supply.
1M
I
IN
R
1
R
2
+2.5V
OPA343
–2.5V
+2.5V
C
1
C
2
–2.5V
OPA335
Photodiode
a. Split Supply.


Similar Part No. - OPA335AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335AIDR BURR-BROWN-OPA335AIDR Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA335AIDR BURR-BROWN-OPA335AIDR Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA335AIDR NSC-OPA335AIDR Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA335AIDRG4 NSC-OPA335AIDRG4 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA335AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com