Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7722 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7722
Description  8-bit, 250 MSPS A/D Converter with Demuxed Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7722 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SPT7722 Datasheet HTML 2Page - Fairchild Semiconductor SPT7722 Datasheet HTML 3Page - Fairchild Semiconductor SPT7722 Datasheet HTML 4Page - Fairchild Semiconductor SPT7722 Datasheet HTML 5Page - Fairchild Semiconductor SPT7722 Datasheet HTML 6Page - Fairchild Semiconductor SPT7722 Datasheet HTML 7Page - Fairchild Semiconductor SPT7722 Datasheet HTML 8Page - Fairchild Semiconductor SPT7722 Datasheet HTML 9Page - Fairchild Semiconductor SPT7722 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DATA SHEET
SPT7722
Typical Operating Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
SNR, SINAD vs. Duty Cycle
% Duty Cycle
SNR
SINAD
35
40
50
55
60
45
ƒIN = 70.1 MHz
ƒS = 250 MSPS
60
50
40
30
20
55
45
35
25
-30
-40
-50
-60
-70
SFDR, THD vs. Duty Cycle
% Duty Cycle
-35
-45
-55
-65
35
40
50
55
60
45
ƒIN = 70.1 MHz
ƒS = 250 MSPS
THD
SFDR
SNR, SINAD vs. AVCC
4.5
4.7
5.0
5.1
5.3
5.5
60
50
40
30
20
Volts
4.9
4.6
4.8
5.2
5.4
SNR
SINAD
55
45
35
25
ƒIN = 70.1 MHz
ƒS = 250 MSPS
-30
-40
-50
-60
-70
THD vs. AVCC
4.5
4.7
5.0 5.1
5.3
5.5
Volts
4.9
4.6
4.8
5.2
5.4
-35
-45
-55
-65
ƒIN = 70.1 MHz
ƒS = 250 MSPS
6
Rev. 1.0.2 December 2002


Similar Part No. - SPT7722

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
List of Unclassifed Man...
SPT7720SIT ETC-SPT7720SIT Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7720SIT CADEKA-SPT7720SIT Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results

Similar Description - SPT7722

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
SPT7721 CADEKA-SPT7721 Datasheet
192Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com