Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6944A Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6944A
Description  6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6944A Datasheet(HTML) 2 Page - Texas Instruments

  PT6944A Datasheet HTML 1Page - Texas Instruments PT6944A Datasheet HTML 2Page - Texas Instruments PT6944A Datasheet HTML 3Page - Texas Instruments PT6944A Datasheet HTML 4Page - Texas Instruments PT6944A Datasheet HTML 5Page - Texas Instruments PT6944A Datasheet HTML 6Page - Texas Instruments PT6944A Datasheet HTML 7Page - Texas Instruments PT6944A Datasheet HTML 8Page - Texas Instruments PT6944A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6940 Series
6-A Dual Output 5-V/3.3-V Input
Integrated Switching Regulator
General Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Cin =330µF, Co1 =330µF, Co2 =330µF, and Io1/Io2 =Iomax)
PT6940 Series
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io (1)
Ta =25°C, natural convection
0.1 (2)
—6
A
Ta =60°C, 200LFM airflow
0.1(2)
—6
Input Voltage Range
Vin
OverIoRange
Vo1 ≤2.5V
3.1
5.5
V
Vo1 >2.5V
4.5
5.5
Set Point Voltage Tolerance
Vo tol
±0.5
±2
%Vo
Temperature Variation
Regtemp
–40°
≤Ta≤ +85°C, Io =Iomin
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±5
±10
mV
Load Regulation
Regload
Over Io range
±5
±10
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
Vo =3.3V
±43
±100
–40°
≤Ta ≤ +85°C
Vo =2.5V
±35
±75
Vo =1.8V
±28
±54
mV
Vo =1.5V
±25
±45
Vo =1.2V
±22
±36
Efficiency
η
Vin =5V, Io1 = Io2 =4A
PT6941
92
PT6942
91
PT6943
90
%
PT6944
90
PT6946
89
PT6947
88
PT6948
87
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
35
mVpp
TransientResponse
ttr
1A/µs load step, 50% to 100% Iomax
60
µs
∆Vtr
Vo over/undershoot
±70
mV
Short Circuit Threshold
Isc(pk)
Reset followed by auto-recovery
13 (3)
—A
Switching Frequency
ƒo
Over Vin range
300
350
400
kHz
STBY* (Pin 1)
Referenced to GND (pin 7)
Input High Voltage
VIH
Open (4)
V
Input Low Voltage
VIL
–0.1
+0.4
Input Low Current
IIL
-0.5
mA
Quiescent Current
Iin standby
pin 1 to GND
10
20
mA
External Output Capacitance
Both outputs
330
TBD
µF
Operating Temperature Range
Ta
Over Vin Range
–40 (5)
+85 (6)
°C
Storage Temperature
Ts
–40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1msec,½Sine,mounted
TBD
G’s
Mechanical Vibration
Mil-STD-883D Method 2007.2,
Vertical
TBD (7)
G’s
20-2000 Hz
Horizontal
TBD (7)
Weight
Vertical/Horizontal
34
grams
Flammability
MeetsUL94V-O
Notes:
(1) The outputs, Vo1 and Vo2, have similar characteristics. The applicable performance parameters are defined according to output voltage.
(2) The minimum output current applies to each output. The module will operate at no load with reduced specifications.
(3) A short-circuit load fault at either output causes the module to continuously reset, affecting both outputs.
(4) The STBY* control (pin 1) has an internal pull-up, and if it is left open circuit the module will operate when input power is applied. The open-circuit voltage
is approximately the input voltage, Vin. Refer to the application notes for interface considerations.
(5) For operating temperatures below 0°C, Cin, Co1, and Co2 must have stable characteristics. Use either tantalum or Oscon® capacitors.
(6) See Safe Operating Area curves for the specific output voltage combination, or contact the factory for the appropriate derating.
(7) Only the case pins on through-hole pin configurations (N & A) must be soldered. For more information see the applicable package outline drawing.
Input/Output Capacitors: The PT6940 series requires a 330µF electrolytic capacitor at the input and both outputs for proper operation (300µF for Oscon® or low ESR
tantalum). In addition, the input capacitance must be rated for a minimum of 1.0Arms ripple current. For transient or dynamic load applications, additional capacitance
may be required. Refer to the application notes for more information.
Not Recommended For New Designs


Similar Part No. - PT6944A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6944A TI1-PT6944A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
More results

Similar Description - PT6944A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com