Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6943C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6943C
Description  6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6943C Datasheet(HTML) 3 Page - Texas Instruments

  PT6943C Datasheet HTML 1Page - Texas Instruments PT6943C Datasheet HTML 2Page - Texas Instruments PT6943C Datasheet HTML 3Page - Texas Instruments PT6943C Datasheet HTML 4Page - Texas Instruments PT6943C Datasheet HTML 5Page - Texas Instruments PT6943C Datasheet HTML 6Page - Texas Instruments PT6943C Datasheet HTML 7Page - Texas Instruments PT6943C Datasheet HTML 8Page - Texas Instruments PT6943C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Performance Characteristics; Vin =3.3V (See Note A)
Efficiency vs. Io1 & Io2 Load Currents
Power Dissipation vs. Io1 & Io2 Load Currents
Efficiency vs. Io1 & Io2 Load Currents
Power Dissipation Vs. Io1 & Io2 Load Currents
Performance Characteristics; Vin =5V (See Note A)
PT6940 Series
6-A Dual Output 5-V/3.3-V Input
Integrated Switching Regulator
0
5
10
15
20
25
30
35
012
3456
Iout (A) [Both Outputs]
PT6946
PT6947
PT6948
PT6941
PT6942
PT6943
PT6944
0
5
10
15
20
25
30
35
01
234
56
Iout (A) [Both Outputs]
PT6941
PT6946
PT6942
PT6947
PT6948
PT6943
PT5944
60
65
70
75
80
85
90
95
100
012
34
56
Iout (A) [Both Outputs ]
PT6946
PT6947
PT6948
0
5
10
15
20
25
30
35
01
2345
6
Iout (A) [Both Outputs]
PT6946
PT6947
PT6948
0
5
10
15
20
25
30
35
01
2345
6
Iout (A) [Both Outputs]
PT6946
PT6947
PT6948
0
1
2
3
4
5
01
234
56
Iout (A) [Both Outputs]
0
1
2
3
4
5
01
234
56
Iout (A) [Both Outputs]
Vo1 Ripple vs. Io1 & Io2 Load Currents
Vo2 Ripple vs. Io1 & Io2 Load Currents
Vo1 Ripple vs. Io1 & Io2 Load Currents
Vo2 Ripple vs. Io1 & Io2 Load Currents
60
65
70
75
80
85
90
95
100
0123456
Iout (A) [Both Outputs]
PT6941
PT6942
PT6943
PT6944
PT6946
PT6947
PT6948
Not Recommended For New Designs


Similar Part No. - PT6943C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943C TI1-PT6943C Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
More results

Similar Description - PT6943C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com