Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6942A Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6942A
Description  6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6942A Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6942A Datasheet HTML 2Page - Texas Instruments PT6942A Datasheet HTML 3Page - Texas Instruments PT6942A Datasheet HTML 4Page - Texas Instruments PT6942A Datasheet HTML 5Page - Texas Instruments PT6942A Datasheet HTML 6Page - Texas Instruments PT6942A Datasheet HTML 7Page - Texas Instruments PT6942A Datasheet HTML 8Page - Texas Instruments PT6942A Datasheet HTML 9Page - Texas Instruments PT6942A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Notes
Table 1: Input/Output Capacitors
N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
Capacitor Recommendations for
the
Dual-Output PT6940 Regulator Series
Input Capacitor:
The recommended input capacitance is determined by 1.0
ampere minimum ripple current rating and 330µF minimum
capacitance (300µF for Oscon® or low ESR tantalum).
Ripple current and <100m
Ω equivalent series resistance
(ESR) values are the major considerations, along with tem-
perature, when designing with different types of capacitors.
Tantalum capacitors have a recommended minimum voltage
rating of twice the maximum DC voltage + AC ripple. This
is necessary to insure reliability for input voltage bus appli-
cations
Output Capacitors: Co1/Co2
The ESR of the required capacitors, Co1 & Co2 must not be
greater than 150m
Ω. Electrolytic capacitors have poor
ripple performance at frequencies greater than 400kHz
but excellent low frequency transient response. Above the
ripple frequency, ceramic capacitors are necessary to improve
the transient response and reduce any high frequency noise
components apparent during higher current excursions.
Preferred low ESR type capacitor part numbers are identified
in Table 1.
PT6940 Series
Tantalum Capacitors
Tantalum type capacitors can be used for the output but only
the AVX TPS series, Sprague 593D/594/595 series or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability. As a
caution the TAJ series by AVX is not recommended. This
series has considerably higher ESR, reduced power dissipa-
tion, and lower ripple current capability. The TAJ series is
less reliable than the AVX TPS series when determining
power dissipation capability. Tantalum or Oscon® types
are recommended for applications where ambient tem-
peratures fall below 0°C.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The number of capacitors required at both the
input and output buses is identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
m
u
m
i
x
a
M
C
°
5
8
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
V
5
2
V
5
3
V
5
3
F
µ
0
6
5
F
µ
0
9
3
F
µ
0
3
3
5
6
0
0
.
0
5
6
0
.
0
7
1
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
5
5
5
5
1
x
5
.
2
1
5
1
x
5
.
2
1
5
.
1
1
x
8
1
2
R
/
N
1
1
1
S
1
6
5
E
1
C
F
U
E
E
S
1
9
3
V
1
C
F
U
E
E
1
3
3
C
1
C
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
/
S
F
/
V
X
L
Z
X
L
V
6
1
V
5
3
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
7
4
F
µ
0
3
3
F
µ
0
5
1
0
2
1
.
0
2
5
0
.
0
5
2
0
.
0
0
3
0
.
0
÷2 Ω
A
m
5
5
5
A
m
0
2
2
1
A
m
0
0
5
3
A
m
0
0
2
3
2
1
x
8
0
2
x
0
1
5
.
0
1
x
0
1
5
.
0
1
x
0
1
R
/
N
1
1
2
1
1
1
2
L
L
2
1
X
8
M
1
3
3
B
V
6
1
Z
X
L
L
L
0
2
X
0
1
M
1
7
4
B
V
5
3
Z
X
L
M
0
3
3
S
F
0
1
M
0
5
1
S
F
0
2
n
o
c
i
h
c
i
N
M
P
/
L
P
V
5
3
V
5
3
V
0
5
0
6
5F
µ
0
3
3F
µ
0
7
4F
µ
8
4
0
.
0
5
6
0
.
0
÷2 Ω
6
4
0
.
0
A
m
0
6
3
1
A
m
0
2
0
1
A
m
0
7
4
1
5
1
x
6
1
5
1
x
5
.
2
1
5
1
x
8
1
1
1
1
1
1
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
3
3
V
1
L
P
U
6
H
H
M
1
1
7
4
H
1
M
P
U
c
i
n
o
s
a
n
a
P
C
F
)
g
t
M
e
c
a
f
r
u
S
(
V
0
1
V
5
3
V
6
1
0
0
0
1F
µ
0
3
3F
µ
0
3
3F
µ
3
4
0
.
0
5
6
0
.
0
0
5
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
0
7
6
5
.
6
1
x
2
1
6
1
x
5
.
2
1
2
.
0
1
x
0
1
1
1
R
/
N
1
1
1
Q
L
2
0
1
A
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
P
1
3
3
C
1
C
F
V
E
E
S
S
-
n
o
c
s
O
V
S
V
0
1
V
0
1
V
0
2
0
3
3F
µ
F
µ
0
3
3
0
5
1F
µ
5
2
0
.
0
5
2
0
.
0
4
2
0
.
0
÷2 Ω
A
m
0
0
5
3
>
A
m
0
0
8
3
>
A
m
0
0
6
3
5
.
0
1
x
0
.
0
1
3
.
0
1
x
3
.
0
1
3
.
0
1
x
3
.
0
1
1
1
2
1
1
2
M
0
3
3
S
S
0
1
M
0
0
3
V
S
0
1
M
0
5
1
V
S
0
2
t
n
u
o
M
e
c
a
f
r
u
S
=
V
S
X
V
A
m
u
l
a
t
n
a
T
S
P
T
V
0
1
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
3
3
F
µ
0
2
2
0
0
1
.
0
÷2 Ω
0
0
1
.
0
÷2 Ω
5
9
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
A
m
0
0
0
2
>
x
L
3
.
7
x
W
3
.
4
H
1
.
4
2
2
2
1
1
2
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
0
0
1
0
R
5
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K
/
0
1
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
÷
5
3
0
.
0
=
2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
7
.
5
x
L
3
.
7
H
0
.
4
x
2
2
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
e
u
g
a
r
p
S
D
4
9
5
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
5
4
0
.
0
5
6
0
.
0
A
m
0
5
3
2
A
m
0
0
0
2
>
x
L
3
.
7
x
W
0
.
6
H
1
.
4
2
2
1
2
T
2
R
0
1
0
0
X
7
3
3
D
4
T
2
D
0
1
0
0
X
7
2
2
D
4
9
5
Not Recommended For New Designs


Similar Part No. - PT6942A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
More results

Similar Description - PT6942A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com