Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2334AIDGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2334AIDGST
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2334AIDGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2334AIDGST Datasheet HTML 2Page - Texas Instruments OPA2334AIDGST Datasheet HTML 3Page - Texas Instruments OPA2334AIDGST Datasheet HTML 4Page - Texas Instruments OPA2334AIDGST Datasheet HTML 5Page - Texas Instruments OPA2334AIDGST Datasheet HTML 6Page - Texas Instruments OPA2334AIDGST Datasheet HTML 7Page - Texas Instruments OPA2334AIDGST Datasheet HTML 8Page - Texas Instruments OPA2334AIDGST Datasheet HTML 9Page - Texas Instruments OPA2334AIDGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, and VOUT = VS /2, unless otherwise noted.
NOISE vs FREQUENCY
1
1000
100
10
1k
100
10
Frequency (Hz)
100k
10k
SAMPLING FREQUENCY vs TEMPERATURE
–40
13
12
11
10
9
8
–10
50
110 125
Temperature (
°C)
20
80
SAMPLING FREQUENCY vs SUPPLY VOLTAGE
2.7
11.0
10.9
10.8
10.7
10.6
10.5
10.4
10.3
10.2
10.1
10.0
3.7
3.2
5.2
5.5
Supply Voltage (V)
4.7
4.2
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
(V
S = 2.7V to 5V)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
Load Capacitance (pF)
R
L = 10kΩ
0.01Hz TO 10Hz NOISE
10s/div
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
10
1k
100
1M
100k
10k
+PSRR
–PSRR


Similar Part No. - OPA2334AIDGST

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2334AIDGST BURR-BROWN-OPA2334AIDGST Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2334AIDGST BURR-BROWN-OPA2334AIDGST Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA2334AIDGST NSC-OPA2334AIDGST Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA2334AIDGSTG4 NSC-OPA2334AIDGSTG4 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA2334AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com