Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA27GP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA27GP
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA27GP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA27GP Datasheet HTML 7Page - Texas Instruments OPA27GP Datasheet HTML 8Page - Texas Instruments OPA27GP Datasheet HTML 9Page - Texas Instruments OPA27GP Datasheet HTML 10Page - Texas Instruments OPA27GP Datasheet HTML 11Page - Texas Instruments OPA27GP Datasheet HTML 12Page - Texas Instruments OPA27GP Datasheet HTML 13Page - Texas Instruments OPA27GP Datasheet HTML 14Page - Texas Instruments OPA27GP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
OPA27, OPA37
11
SBOS135C
www.ti.com
FIGURE 11. Low Frequency Noise Comparison.
FIGURE 10. NAB Tape Head Preamplifier.
FIGURE 9. High Slew Rate Unity-Gain Inverting Amplifier.
OPA37
Output
Input
1k
1k
2
3
6
500pF
250
OPA37
Output
316k
4.99k
G
≈ 50dB at 1kHz.
Metal film resistors.
Film capacitors.
R
L and CL per head
manufacturer’s
recommendations.
100
2
3
6
0.01
µF
1
µF
20k
R
L
Magnetic Tape Head
C
L
10k
0.5
µV
0.5
µV
0.5
µV
0.5
µV
5
µV
A. 741 noise with circuit well-shielded from air
currents and RFI. (Note scale change.)
B. OP-07AH with circuit well-shielded from air
currents and RFI.
C. OPA27AJ with circuit well-shielded from air
currents and RFI. (Represents ultimate
OPA27 performance potential.)
D. OPA27 with circuit unshielded and exposed
to normal lab bench-top air currents.
(External thermoelectric potentials far
exceed OPA27 noise.)
E. OPA27 with heat sink and shield which
protects input leads from air currents.
Conditions same as (D).
Offset
G =1k
10Hz Low-
Pass Filter
Chart
Recorder
10mV/mm
5mm/s
DUT
Total Gain = 106
10


Similar Part No. - OPA27GP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA27GP BURR-BROWN-OPA27GP Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA27GP TI-OPA27GP Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27GP TI-OPA27GP Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27GPG4 TI-OPA27GPG4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27GPG4 TI-OPA27GPG4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA27GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com