Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7610 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7610 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT7610 Datasheet HTML 1Page - Fairchild Semiconductor SPT7610 Datasheet HTML 2Page - Fairchild Semiconductor SPT7610 Datasheet HTML 3Page - Fairchild Semiconductor SPT7610 Datasheet HTML 4Page - Fairchild Semiconductor SPT7610 Datasheet HTML 5Page - Fairchild Semiconductor SPT7610 Datasheet HTML 6Page - Fairchild Semiconductor SPT7610 Datasheet HTML 7Page - Fairchild Semiconductor SPT7610 Datasheet HTML 8Page - Fairchild Semiconductor SPT7610 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
1/21/02
SPT7610
Figure 1 – Timing Diagram
2
FIRST
RISING EDGE
POWER
ON
8
OUTPUT
BANK A
(DA0-6)
OUTPUT
BANK B
(DB0-6)
DRA
CLK IN
DRB
VIN
NDRA
NDRB
TEST
3
5
4
2
1
6
INVALID DATA
1
ADC (Normal Operation)
9
10
11
8
TEST MODE
7
tsu
tdr
tod
tdr
tod
ADC (Normal Operation)
INVALID DATA
INVALID DATA
INVALID DATA
7
9
Bank A Test Pattern 1:
- Even Bits = Hi
- Odd Bits = Low
Bank B Test Pattern 1:
- Even Bits = Hi
- Odd Bits = Low
Bank A Test Pattern 2:
- Even Bits = Low
- Odd Bits = Hi
Bank B Test Pattern 2:
- Even Bits = Low
- Odd Bits = Hi
LOGIC LOW
Figure 2 – Test Mode Timing Diagram
CLK (1 GHz)
DRA
DRA
Data Bank A
DRB
DRB
Data Bank B
VIN
N
N+1
N+2
N+3
N+4
1 nsec
todB
tdrB
tdrA
N–2
N
todA
N–1
N–3
OutputB Skew
(toskB)
N+1
N+2
DOB–DRB Delay
(todrB)
OutputA Skew
(toskA)
DOA–DRA Delay
(todrA)
N+5


Similar Part No. - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ CADEKA-SPT7610SIQ Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com