Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA198AIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA198AIDBVT
Description  CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA198AIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA198AIDBVT Datasheet HTML 5Page - Texas Instruments INA198AIDBVT Datasheet HTML 6Page - Texas Instruments INA198AIDBVT Datasheet HTML 7Page - Texas Instruments INA198AIDBVT Datasheet HTML 8Page - Texas Instruments INA198AIDBVT Datasheet HTML 9Page - Texas Instruments INA198AIDBVT Datasheet HTML 10Page - Texas Instruments INA198AIDBVT Datasheet HTML 11Page - Texas Instruments INA198AIDBVT Datasheet HTML 12Page - Texas Instruments INA198AIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA195,INA198V
TestedLimit
OUT
(1)
V
CM2
V
CM3
V
CM4
V
,V
,andV
CM2
CM3
CM4 illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
OUT
SENSE
withV
<20mV.
V
testedlimitat
OUT
V
=0mV,0
V
£
SENSE
CM1
S
V
£
.
Ideal
VCM1
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
INA193, INA194
INA195, INA196
INA197, INA198
www.ti.com
SBOS307F – MAY 2004 – REVISED FEBRUARY 2010
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS
This region of operation has slightly less accuracy
This region of operation is the least accurate for the
than Normal Case 1 as a result of the common-mode
INA193
−INA198 family. To achieve the wide input
operating area in which the part functions, as seen in
common-mode voltage range, these devices use two
the Output Error vs Common-Mode Voltage curve
op amp front ends in parallel. One op amp front end
(Figure 6). As noted, for this graph VS = 12V; for VCM
operates in the positive input common-mode voltage
< 12V, the Output Error increases as VCM becomes
range, and the other in the negative input region. For
less than 12V, with a typical maximum error of
this case, neither of these two internal amplifiers
0.005% at the most negative VCM = −16V.
dominates and overall loop gain is very low. Within
this region, VOUT approaches voltages close to linear
Low VSENSE Case 1:
operation levels for Normal Case 2. This deviation
VSENSE < 20mV, −16V ≤ VCM < 0;
from linear operation becomes greatest the closer
and Low VSENSE Case 3:
VSENSE approaches 0V. Within this region, as VSENSE
VSENSE < 20mV, VS < VCM ≤ 80V
approaches 20mV, device operation is closer to that
described by Normal Case 2. Figure 20 illustrates this
Although the INA193
−INA198 family of devices are
behavior for the INA195. The VOUT maximum peak for
not designed for accurate operation in either of these
this case is tested by maintaining a constant VS,
regions, some applications are exposed to these
setting VSENSE = 0mV and sweeping VCM from 0V to
conditions; for example, when monitoring power
VS. The exact VCM at which VOUT peaks during this
supplies that are switched on and off while VS is still
test varies from part to part, but the VOUT maximum
applied to the INA193
−INA198. It is important to know
peak is tested to be less than the specified VOUT
what the behavior of the devices will be in these
Tested Limit.
regions.
As VSENSE approaches 0mV, in these VCM regions,
the
device
output
accuracy
degrades.
A
larger-than-normal offset can appear at the current
shunt monitor output with a typical maximum value of
VOUT = 300mV for VSENSE = 0mV. As VSENSE
approaches 20mV, VOUT returns to the expected
output value with accuracy as specified in the
Electrical Characteristics. Figure 19 illustrates this
effect using the INA195 and INA198 (Gain = 100).
(1) INA193, INA196 VOUT Tested Limit = 0.4V. INA194, INA197
VOUT Tested Limit = 1V.
Figure 20. Example for Low VSENSE Case 2
(INA195, INA198: Gain = 100)
Figure 19. Example for Low VSENSE Cases 1 and 3
(INA195, INA198: Gain = 100)
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA198AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA198AIDBVT BURR-BROWN-INA198AIDBVT Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA198AIDBVT TI1-INA198AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVT TI1-INA198AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVTG4 TI1-INA198AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVTG4 TI1-INA198AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA198AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com