Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA197AIDBVTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA197AIDBVTG4
Description  CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA197AIDBVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  INA197AIDBVTG4 Datasheet HTML 1Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 2Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 3Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 4Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 5Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 6Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 7Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 8Page - Texas Instruments INA197AIDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
INA193, INA194
INA195, INA196
INA197, INA198
www.ti.com
SBOS307F – MAY 2004 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS: VS = +12V
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
All specifications at TA = +25°C, VS = +12V, VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
INA193, INA194, INA195, INA196, INA197, INA198
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Input Voltage
VSENSE
VSENSE = VIN+ − VIN−
0.15
(VS – 0.2)/Gain
V
Common-Mode Input Range
VCM
–16
80
V
Common-Mode Rejection
CMR
VIN+ = −16V to +80V
80
94
dB
Over Temperature
VIN+ = +12V to +80V
100
120
dB
Offset Voltage, RTI
VOS
±0.5
2
mV
Over Temperature
0.5
3
mV
vs Temperature
dVOS/dT
2.5
mV/°C
vs Power Supply
PSR
VS = +2.7V to +18V, VIN+ = +18V
5
100
mV/V
Input Bias Current, VIN− pin
IB
±8
±16
mA
OUTPUT (VSENSE ≥ 20mV)
Gain: INA193, INA196
G
20
V/V
Gain: INA194, INA197
50
V/V
Gain: INA195, INA198
100
V/V
Gain Error
VSENSE = 20mV to 100mV, TA = +25°C
±0.2
±1
%
Over Temperature
VSENSE = 20mV to 100mV
±2
%
Total Output Error(1)
VSENSE = 100mV
±0.75
±2.2
%
Over Temperature
±1
±3
%
Nonlinearity Error
VSENSE = 20mV to 100mV
±0.002
±0.1
%
Output Impedance
RO
1.5
Ω
Maximum Capacitive Load
No Sustained Oscillation
10
nF
OUTPUT (VSENSE < 20mV)
(2)
All Devices
−16V ≤ VCM < 0V
300
mV
INA193, INA196
0V
≤ VCM ≤ VS, VS = 5V
0.4
V
INA194, INA197
0V
≤ VCM ≤ VS, VS = 5V
1
V
INA195, INA198
0V
≤ VCM ≤ VS, VS = 5V
2
V
All Devices
VS < VCM ≤ 80V
300
mV
VOLTAGE OUTPUT(3)
RL = 100kΩ to GND
Swing to V+ Power-Supply Rail
(V+) – 0.1
(V+) – 0.2
V
Swing to GND(4)
(VGND) + 3
(VGND) + 50
mV
FREQUENCY RESPONSE
Bandwidth, INA193, INA196
BW
CLOAD = 5pF
500
kHz
Bandwidth, INA194, INA197
CLOAD = 5pF
300
kHz
Bandwidth, INA195, INA198
CLOAD = 5pF
200
kHz
Phase Margin
CLOAD < 10nF
40
degrees
Slew Rate
SR
1
V/ms
Settling Time (1%)
tS
VSENSE = 10mV to 100mVPP, CLOAD = 5pF
2
ms
NOISE, RTI
Voltage Noise Density
40
nV/
√Hz
(1)
Total output error includes effects of gain error and VOS.
(2)
For details on this region of operation, see the Accuracy Variations section in the Applications Information.
(3)
See Typical Characteristic curve Output Swing vs Output Current, Figure 7.
(4)
Specified by design.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA197AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA197AIDBVTG4 TI1-INA197AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA197AIDBVTG4 TI1-INA197AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA197AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com