Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO35MDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35MDWR
Description  ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35MDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO35MDWR Datasheet HTML 6Page - Texas Instruments ISO35MDWR Datasheet HTML 7Page - Texas Instruments ISO35MDWR Datasheet HTML 8Page - Texas Instruments ISO35MDWR Datasheet HTML 9Page - Texas Instruments ISO35MDWR Datasheet HTML 10Page - Texas Instruments ISO35MDWR Datasheet HTML 11Page - Texas Instruments ISO35MDWR Datasheet HTML 12Page - Texas Instruments ISO35MDWR Datasheet HTML 13Page - Texas Instruments ISO35MDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISO15, ISO35
ISO15M, ISO35M
SLOS580F
– MAY 2008 – REVISED JANUARY 2012
www.ti.com
PACKAGE CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance through air
8.34
mm
Shortest terminal to terminal distance across the
L(I02)
Minimum external tracking (Creepage)
8.1
mm
package surface
Tracking resistance (Comparative Tracking
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥400
V
Index)
Minimum Internal Gap (Internal Clearance)
Distance through the insulation
0.008
mm
Input to output, VIO = 500 V, all pins on each
RIO
Isolation resistance
side of the barrier tied together creating a
>1012
two-terminal device
CIO
Barrier capacitance Input to output
VI = 0.4 sin (4E6πt)
2
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6πt)
2
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I-III
Rated mains voltage
≤ 400 VRMS
I-II
IEC 60747-5-2 INSULATION CHARACTERISTICS
(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
Maximum working insulation
VIORM
560
V
voltage
Method b1, VPR = VIORM × 1.875,
VPR
Input to output test voltage
1050
V
100% Production test with t = 1 s, Partial discharge
< 5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
V
RS
Insulation resistance
VIO = 500 V at TS
>109
Pollution degree
2
(1)
Climatic Classification 40/125/21
REGULATORY INFORMATION
VDE
CSA
UL
Approved under CSA Component
Recognized under 1577 Component
Certified according to IEC 60747-5-2
Acceptance Notice 5A
Recognition Program
Basic Insulation
2500 VRMS rating per CSA 60950-1-07 and
Maximum Transient Overvoltage, 4000 VPK
IEC 60950-1 (2nd Ed.) for products with
Single Protection, 2500 VRMS
working voltages
≤ 280 VRMS for basic
Maximum Surge Voltage, 4000 VPK
insulation.
Maximum Working Voltage, 560 VPK
File Number: 40016131
File Number: 220991
File Number: E181974
10
Submit Documentation Feedback
Copyright
© 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35 ISO15M ISO35M


Similar Part No. - ISO35MDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35MDWR TI-ISO35MDWR Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
More results

Similar Description - ISO35MDWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com