Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM833P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM833P
Description  DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833P Datasheet(HTML) 1 Page - Texas Instruments

  LM833P Datasheet HTML 1Page - Texas Instruments LM833P Datasheet HTML 2Page - Texas Instruments LM833P Datasheet HTML 3Page - Texas Instruments LM833P Datasheet HTML 4Page - Texas Instruments LM833P Datasheet HTML 5Page - Texas Instruments LM833P Datasheet HTML 6Page - Texas Instruments LM833P Datasheet HTML 7Page - Texas Instruments LM833P Datasheet HTML 8Page - Texas Instruments LM833P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
3
4
5
6
7
8
IN2+
IN2–
OUT2
V
CC+
V
CC–
IN1+
IN1–
OUT1
D (SOIC), DGK (MSOP), OR P (PDIP) PACKAGE
(TOP VIEW)
LM833
www.ti.com
SLOS481A – JULY 2010 – REVISED AUGUST 2010
DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
Check for Samples: LM833
1
FEATURES
APPLICATIONS
HiFi Audio System Equipment
Dual-Supply Operation: ±5 V to ±18 V
Preamplification and Filtering
Low Noise Voltage: 4.5 nV/
√Hz
Set Top Box
Low Input Offset Voltage: 0.15 mV
Microphone PreAmplifier Circuit
Low Total Harmonic Distortion: 0.002%
General-Purpose Amplifier Applications
High Slew Rate: 7 V/ms
High-Gain Bandwidth Product: 16 MHz
High Open-Loop AC Gain: 800 at 20 kHz
Large Output-Voltage Swing: 14.1 V to –14.6 V
Excellent Gain and Phase Margins
Available in 8-Pin MSOP Package (3mm x
4.9mm x 0.65mm)
DESCRIPTION
The LM833 is a dual operational amplifier with high-performance specifications for use in quality audio and
data-signal applications. This device operates over a wide range of single- and dual-supply voltage with low
noise, high-gain bandwidth, and high slew rate. Additional features include low total harmonic distortion, excellent
phase and gain margins, large output voltage swing with no deadband crossover distortions, and symmetrical
sink/source performance.
The dual amplifiers are utilized widely in circuit of audio optimized for all preamp and high level stages in PCM
and HiFi systems. LM833 is pin-for-pin compatible with industry-standard dual operation amplifiers' pin
assignments. With addition of a preamplifier, the gain of the power stage can be greatly reduced to improve
performance.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM833P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM833P TI1-LM833P Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
More results

Similar Description - LM833P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM833 TI1-LM833 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
logo
Analog Devices
OP271 AD-OP271 Datasheet
411Kb / 10P
   HIGH SPEED DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_02 Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP-271 AD-OP-271 Datasheet
411Kb / 10P
   HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_15 Datasheet
869Kb / 12P
   High-Speed, Dual Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
   AUDIO DUAL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
logo
New Japan Radio
MUSES8820 NJRC-MUSES8820 Datasheet
424Kb / 12P
   High Quality Audio Dual Operational Amplifier
Ver.2013-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com