Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA194AIDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA194AIDBVR
Description  CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA194AIDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA194AIDBVR Datasheet HTML 4Page - Texas Instruments INA194AIDBVR Datasheet HTML 5Page - Texas Instruments INA194AIDBVR Datasheet HTML 6Page - Texas Instruments INA194AIDBVR Datasheet HTML 7Page - Texas Instruments INA194AIDBVR Datasheet HTML 8Page - Texas Instruments INA194AIDBVR Datasheet HTML 9Page - Texas Instruments INA194AIDBVR Datasheet HTML 10Page - Texas Instruments INA194AIDBVR Datasheet HTML 11Page - Texas Instruments INA194AIDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
G=
V
V
OUT1
OUT2
-
100mV
20mV
-
R
S
Load
V
IN+
-16Vto+80V
I
S
V
IN+
V
IN-
+2.7Vto+18V
V+
OUT
INA193-INA198
R
1
R
L
R
2
V RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
INA193, INA194
INA195, INA196
INA197, INA198
SBOS307F – MAY 2004 – REVISED FEBRUARY 2010
www.ti.com
APPLICATIONS INFORMATION
BASIC CONNECTION
ACCURACY VARIATIONS AS A RESULT OF
VSENSE AND COMMON-MODE VOLTAGE
Figure 18 shows the basic connection of the
INA193-INA198. The input pins, VIN+ and VIN−, should
The accuracy of the INA193
−INA198 current shunt
be connected as closely as possible to the shunt
monitors is a function of two main variables: VSENSE
resistor to minimize any resistance in series with the
(VIN+ − VIN−) and common-mode voltage, VCM, relative
shunt resistance.
to the supply voltage, VS. VCM is expressed as (VIN+ +
VIN−)/2; however, in practice, VCM is seen as the
Power-supply bypass capacitors are required for
voltage at VIN+ because the voltage drop across
stability. Applications with noisy or high impedance
VSENSE is usually small.
power supplies may require additional decoupling
capacitors to reject power-supply noise. Connect
This section addresses the accuracy of these specific
bypass capacitors close to the device pins.
operating regions:
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
Low VSENSE Case 1: VSENSE < 20mV, −16V ≤ VCM
< 0
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM
VS
Low VSENSE Case 3: VSENSE < 20mV, VS < VCM
80V
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
This
region
of
operation
provides
the
highest
accuracy.
Here,
the
input
offset
voltage
is
characterized
and
measured
using
a
two-step
method. First, the gain is determined by Equation 1.
where:
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
(1)
Then the offset voltage is measured at VSENSE =
100mV and referred to the input (RTI) of the current
shunt monitor, as shown in Equation 2.
Figure 18. INA193-INA198 Basic Connection
(2)
In the Typical Characteristics, the Output Error vs
POWER SUPPLY
Common-Mode Voltage curve (Figure 6) shows the
highest accuracy for this region of operation. In this
The
input
circuitry
of
the
INA193-INA198
can
plot, VS = 12V; for VCM ≥ 12V, the output error is at its
accurately measure beyond its power-supply voltage,
minimum. This case is also used to create the VSENSE
V+. For example, the V+ power supply can be 5V,
20mV
output
specifications
in
the
Electrical
whereas the load power-supply voltage is up to +80V.
Characteristics table.
The output voltage range of the OUT terminal,
however,
is
limited
by
the
voltages
on
the
power-supply pin.
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA194AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA194AIDBVR BURR-BROWN-INA194AIDBVR Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA194AIDBVR TI1-INA194AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA194AIDBVR TI1-INA194AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA194AIDBVRG4 TI1-INA194AIDBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA194AIDBVRG4 TI1-INA194AIDBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA194AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com