Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA193AIDBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA193AIDBVTG4
Description  CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA193AIDBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA193AIDBVTG4 Datasheet HTML 2Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 3Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 4Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 5Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 6Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 7Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 8Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 9Page - Texas Instruments INA193AIDBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
12
11
10
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
OutputCurrent(mA)
25
30
V =12V
S
+25 C
°
+25 C
°
-40°C
-40°C
+125 C
°
+125 C
°
SourcingCurrent
V =3V
S
SourcingCurrent
Outputstageisdesigned
tosourcecurrent.Current
sinkingcapabilityis
approximately400 A.
m
1000
900
800
700
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
OutputVoltage(V)
8
9
10
34
30
26
22
18
14
10
6
2.5 3.5
4.5
5.5 6.5
7.5
8.5
9.5 10.5
SupplyVoltage(V)
11.5 17
18
-
°
40 C
+
°
25 C
+125 C
°
875
775
675
575
475
375
275
175
-16 -12
-8
-4
0
4
8
12 16
20
V
(V)
CM
76 80
V
=0mV:
SENSE
V =12V
S
V =2.7V
S
V
=100mV:
SENSE
V =12V
S
V =2.7V
S
...
Time(2 s/div)
m
G=20
V
=10mVto20mV
SENSE
Time(2ms/div)
G=20
V
=10mVto100mV
SENSE
INA193, INA194
INA195, INA196
INA197, INA198
SBOS307F – MAY 2004 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +12V, and VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
POSITIVE OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
QUIESCENT CURRENT vs OUTPUT VOLTAGE
Figure 7.
Figure 8.
QUIESCENT CURRENT
OUTPUT SHORT-CIRCUIT CURRENT
vs COMMON-MODE VOLTAGE
vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
STEP RESPONSE
STEP RESPONSE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA193AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVTG4 TI1-INA193AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193AIDBVTG4 TI1-INA193AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA193AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com